Electronic Components Datasheet Search
  English  ▼

X  

GWP7LP32.EM Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GWP7LP32.EM
Description  DURIS S 10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWP7LP32.EM Datasheet(HTML) 5 Page - OSRAM GmbH

  GWP7LP32.EM Datasheet HTML 1Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 2Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 3Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 4Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 5Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 6Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 7Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 8Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Version 1.2
GW P7LP32.EM
2018-01-17
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 1) page 23
Durchlassspannungsgruppen 1) Seite 23
Group
Luminous Flux 4) page 23
Luminous Flux 4) page 23
Luminous Intensity
5) page 23
Gruppe
Lichtstrom 4) Seite 23
Lichtstrom 4) Seite 23
Lichtstärke 5) Seite 23
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
RQ
1210
1300
399.5
RR
1300
1400
429.7
RS
1400
1500
461.5
RT
1500
1640
499.7
RU
1640
1800
547.5
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
VA
35.00
36.00
6A
36.00
37.00
GA
37.00
38.00
SA
38.00
39.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com