Electronic Components Datasheet Search
  English  ▼

X  

W3G200 Datasheet(PDF) 1 Page - ebm-papst

Part # W3G200
Description  EC axial fans
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

W3G200 Datasheet(HTML) 1 Page - ebm-papst

  W3G200 Datasheet HTML 1Page - ebm-papst W3G200 Datasheet HTML 2Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
W3G200-HD01 -01
M3G 055-BD
1~ 200-240 50/60
2 900
54
0,55
96
-25..+60
1,6
W3G200-HD01 -03
M3G 055-BD
1~ 200-240 50/60
2 900
54
0,55
96
-25..+60
1,6
B
P. 260 / H3)
P. 261 / H4)
W3G200-HD23 -10
M3G 055-BD
1~ 115
50/60
2 900
65
1,00
94
-25..+60
1,6
C
P. 261 / H4)
196
– Material:
Housing: Die-cast aluminum
Blades: PP plastic
Rotor: Thick-film passivated
– Number of blades:
7
– Direction of air flow:
"V"
– Direction of rotation:
Counterclockwise, looking towards rotor
– Degree of protection:
Depending on installation and position(2)
– Insulation class:
"B"
– Installation position:
Any
– Condensate discharges:
None, open rotor
– Mode of operation:
Continuous operation (S1)
– Bearings:
Maintenance-free ball bearings
Air performance measured according to: ISO 5801. Installation category A, without contact protection. Suction-side noise levels: LWA
according to ISO 13347, LpA measured at 1 m distance from fan axis. The values given are applicable only under the specified mea-
suring conditions and may differ depending on the installation conditions. In the event of deviation from the standard configuration,
the parameters must be checked after installation! For detailed information see http://www.ebmpapst.com/general conditions
Curves:
2 Speed stages
Speed-controlled
EC axial fans
Ø 200 mm
Nominal data
Type
Subject to change
(1) Nominal data in operating point with maximum load and 230 VAC
(2) Not suitable for permanent outdoor use. Special version available on request.
VAC
Hz
rpm-1
W
A
Pa
°C
kg
Motor
A
A
Max.
1065 m3/h
qv
m³/h
cfm
200
400
600
800
0
100
200
300
400
500
20
40
60
80
1
1
2
3 3
4
4
5
6
7
8
2
A
B
A
B
1
2
3
4
5
6
7
8
2970
2890
2830
2900
2645
2575
2530
2500
50
54
58
54
36
39
42
43
0,49
0,53
0,56
0,55
0,37
0,40
0,42
0,43
A
A
A
A
A
A
A
A
65
64
65
70
62
61
62
67
n
rpm-1
Ped
W
I
A
LWA
dB(A)
1
2
3
4
2970
2890
2830
2900
50
54
58
54
0,49
0,53
0,56
0,55
B
B
B
B
65
64
65
70
Step 1
Step 2
C
C
1
2
3
4
3150
3050
2930
2900
62
65
65
65
1,00
1,00
1,00
1,00
C
C
C
C
66
66
72
74


Similar Part No. - W3G200

ManufacturerPart #DatasheetDescription
logo
ebm-papst
W3G250 EBMPAPST-W3G250 Datasheet
762Kb / 2P
EC axial fans
W3G250-HH07-03 EBMPAPST-W3G250-HH07-03 Datasheet
762Kb / 2P
EC axial fans
W3G250-HH53-03 EBMPAPST-W3G250-HH53-03 Datasheet
762Kb / 2P
EC axial fans
W3G250-HK19-11 EBMPAPST-W3G250-HK19-11 Datasheet
762Kb / 2P
EC axial fans
W3G250-HK35-11 EBMPAPST-W3G250-HK35-11 Datasheet
762Kb / 2P
EC axial fans
More results

Similar Description - W3G200

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R3G500-AG34-63F EBMPAPST-R3G500-AG34-63F Datasheet
1Mb / 2P
EC centrifugal fans
R3G560-AH29-66F EBMPAPST-R3G560-AH29-66F Datasheet
1Mb / 2P
EC centrifugal fans
R3G630-AB30-63F EBMPAPST-R3G630-AB30-63F Datasheet
1Mb / 2P
EC centrifugal fans
W3G910-GZ10-19F EBMPAPST-W3G910-GZ10-19F Datasheet
782Kb / 2P
EC axial fans
W3G800-GV10-19F EBMPAPST-W3G800-GV10-19F Datasheet
650Kb / 2P
EC axial fans
W3G800-GT22-11F EBMPAPST-W3G800-GT22-11F Datasheet
708Kb / 2P
EC axial fans
W3G710-GU30-19F EBMPAPST-W3G710-GU30-19F Datasheet
1Mb / 2P
EC axial fans
W3G710-GS28-11F EBMPAPST-W3G710-GS28-11F Datasheet
1Mb / 2P
EC axial fans
W3G250 EBMPAPST-W3G250 Datasheet
762Kb / 2P
EC axial fans
logo
ORION FANS
PSG ORIONFANS-PSG Datasheet
5Mb / 8P
AC & EC FANS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com