Electronic Components Datasheet Search
  English  ▼

X  

W3G200 Datasheet(PDF) 2 Page - ebm-papst

Part # W3G200
Description  EC axial fans
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

W3G200 Datasheet(HTML) 2 Page - ebm-papst

  W3G200 Datasheet HTML 1Page - ebm-papst W3G200 Datasheet HTML 2Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
197
– Technical features:
See connection diagram p. 260/261
– Touch current:
<= 3.5 mA acc. to IEC 60990 (test circuit, illustration 4)
– Electrical hookup:
Via terminal strip
– Protection class:
I (with customer connection to grounding conductor)
– Conformity with standard(s): EN 60335-1, CE
– Approvals:
VDE, cURUS
4
4
80
Ø240
Ø260
±0.3
A
Finger guards
from p. 245
Connection diagrams
p. 260/261
"V"
"V"
B
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com