Electronic Components Datasheet Search
  English  ▼

X  

IW656P Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # IW656P
Description  USB Power Delivery 3.0 Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW656P Datasheet(HTML) 6 Page - Dialog Semiconductor

  IW656P Datasheet HTML 1Page - Dialog Semiconductor IW656P Datasheet HTML 2Page - Dialog Semiconductor IW656P Datasheet HTML 3Page - Dialog Semiconductor IW656P Datasheet HTML 4Page - Dialog Semiconductor IW656P Datasheet HTML 5Page - Dialog Semiconductor IW656P Datasheet HTML 6Page - Dialog Semiconductor IW656P Datasheet HTML 7Page - Dialog Semiconductor IW656P Datasheet HTML 8Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
iW656P
USB Power Delivery 3.0 Controller
Supports Qualcomm Quick Charge 4+
Rev. 0.2 Preliminary
Product Summary
© 2017 Dialog Semiconductor
www.dialog-semiconductor.com
6 of 8
08-Dec-2017
7 Ordering Information
Part
Number1
TA
Max
Power
(W)
Protocol
Supported
PDO/APDO
Default
Current
PDO
to
APDO
kCC
Ratio
kCC for
default
system
output
current2
DLNK
VCODE
Reso-
lution
Power
Limit in
APDO4
Primary-
Side
Controller
Enable
VCONN &
cable
reading
Package Descrip-
tion
iW656P-18-90
18
USB PD
3.0, QC4+
5V/3A, 6V/3A,
7V/2.55A,
8V/2.25A,
9V/2A,
3.3-5.9V/0.4-3A
(APDO1),
3.3-11V/0.4-2A
(APDO2)
3A
110%
0.495
10mV Disabled iW1791-02 Disabled
TFN12L,
3X3mm
Tape &
Reel3
iW656P-18-91
18
USB PD
3.0, QC4+
5V/3A, 6V/3A,
7V/2.55A,
8V/2.25A,
9V/2A,
3.3-5.9V/0.4-3A
(APDO1),
3.3-11V/0.4-2A
(APDO2)
3A
110%
0.495
10mV Enabled iW1791-02 Disabled
TFN12L,
3X3mm
Tape &
Reel3
iW656P-27-92
27
USB PD
3.0, QC4+
5V/3A, 6V/3A,
7V/3A, 9V/3A,
12V/2.25A,
3.3-5.9V/0.4-3A
(APDO1),
3.3-11V/0.4-3A
(APDO2)
3A
110%
0.417
10mV Disabled iW1791-02 Disabled
TFN12L,
3X3mm
Tape &
Reel3
iW656P-27-93
27
USB PD
3.0, QC4+
5V/3A, 6V/3A,
7V/3A, 9V/3A,
12V/2.25A,
3.3-5.9V/0.4-3A
(APDO1),
3.3-11V/0.4-3A
(APDO2)
3A
110%
0.417
10mV Enabled iW1791-02 Disabled
TFN12L,
3X3mm
Tape &
Reel3
iW656P-30-95
30
USB PD
3.0, QC4+
5V/3A, 9V/3A,
12V/2.5A,
15V/2A,
20V/1.5A,
3.3-5.9V/0.4-3A
(APDO1),
3.3-11V/0.4-3A
(APDO2)
3A
110%
0.417
10mV Enabled iW1791-02 Disabled
TFN12L,
3X3mm
Tape &
Reel3
iW656P-45-94
45
USB PD
3.0, QC4+
5V/3A, 9V/3A,
15V/3A,
20V/2.25A,
3.3-5.9V/1-3A
(APDO1)
3.3-11V/1-3A
(APDO2),
3.3-16V/1-3A
(APDO3)
3A
110%
0.417
25mV Enabled iW1781-30 Disabled
TFN12L,
3X3mm
Tape &
Reel3
Notes:
Note 1.
For availability of additional part numbers, please contact Dialog; see Section 11.1 “Part Number Code Description” for details.
Note 2.
After Type-CTM plug-in is detected, iW656P sends a DLNK message to the primary-side to set the kCC value to this value.
Note 3.
Tape & Reel packing quantity is 3,000/reel. Minimum packing quantity is 3,000.
Note 4.
When Enabled, the iW656P will not acknowledge the mobile device voltage/current request if the power level requested is greater than
the level shown in TA Max Power column.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com