Electronic Components Datasheet Search
  English  ▼

X  

IW656P Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # IW656P
Description  USB Power Delivery 3.0 Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW656P Datasheet(HTML) 1 Page - Dialog Semiconductor

  IW656P Datasheet HTML 1Page - Dialog Semiconductor IW656P Datasheet HTML 2Page - Dialog Semiconductor IW656P Datasheet HTML 3Page - Dialog Semiconductor IW656P Datasheet HTML 4Page - Dialog Semiconductor IW656P Datasheet HTML 5Page - Dialog Semiconductor IW656P Datasheet HTML 6Page - Dialog Semiconductor IW656P Datasheet HTML 7Page - Dialog Semiconductor IW656P Datasheet HTML 8Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
iW656P
USB Power Delivery 3.0 Controller
Supports Qualcomm Quick Charge 4+
Rev. 0.2 Preliminary
Product Summary
© 2017 Dialog Semiconductor
www.dialog-semiconductor.com
1 of 8
08-Dec-2017
1 Description
The iW656P is a USB Power Delivery (USB PD) interface controller which handles the communication between a
Power Adapter and Mobile Device (MD). The controller enables the mobile device to alter the VBUS voltage from the
default 5V and/or maximum current limitation (e.g. 3A) for higher power output or better efficiency. The iW656P
supports USB PD 3.0, including Programmable Power Supply (PPS) support, while being backwards compatible with
USB PD 2.0. The device also supports Qualcomm® Quick ChargeTM 4+ technology. The iW656P enables the use of
advanced USB Type-CTM connector technology with CC1/CC2 pins for MD attach/detach detection and VCONN support
for Electronically Marked Cable (EMC) rated current reading.
The iW656P resides on the secondary side of an AC/DC power supply and negotiates voltage and current settings
with the primary-side controller, depending on the requests from the MD. The iW656P uses Dialog’s proprietary
secondary-to-primary digital communication technology and when paired with Dialog’s primary-side
RapidCharge™
controllers, such as the iW1781 or iW1791, the iW656P eliminates the need for a discrete decoder on the primary side
by using one optocoupler to transmit all necessary information for rapid charging to the primary side. This includes
output voltage requests, output current limits, output voltage undershoot, output over-voltage, and fault and reset
signals. The iW656P incorporates Dialog’s proven and reliable DLNK technology to communicate from the secondary
to the primary and also has a built-in optocoupler LED driver to minimize the bill of material cost.
The power supply designed with the iW656P is fully protected. Using over-voltage protection on the D+/D-/CC1/CC2
pins, the iW656P helps to address soft short issues in cables and connectors caused by poor or loose connections
between the cable connector and the socket, contamination in the USB connector, or a worn out cable. Additionally,
proprietary short circuit protection on the VBUS NFET ensures safe operation in the event of a short on the output, while
the SD pin can be used with an external NTC resistor for protection from over-temeperature faults.
2 Features
● Supports USB PD 3.0 and PPS
x
Maximum power limit in PPS to minimize power
adapter size
x
Integrated CC transmitter/receiver supports BMC
communication
x
Backwards-compatible with USB PD 2.0
● Supports Qualcomm Quick Charge 4+ Technology
● Supports up to 7 Power Data Objects (PDOs)
● Supports wide output voltage range from 3.3 to 21V
● Compatible with USB Type-C specification Rev 1.2
for MD attach/detach detection and VCONN support for
smart cables
● Integrated charge pump supports single NFET VBUS
switch
● 9-bit ADC provides accurate voltage sensing
● Proprietary VBUS NFET protection to protect VBUS
switch from damage due to an output short circuit
● Proprietary secondary-to-primary digital
communication eliminates discrete decoders on the
primary side and simplifies system designs
● D+/D-/CC1/CC2 over-voltage protection (OVP) address
soft short issues in the output cables and connectors
● Uses external NTC for power adapter temperature sensing
● Programmable active fast discharge from a high
voltage VBUS level to 5V at MD unplug or upon
request with built-in switch or external switch
● Intelligent circuits helps achieve < 20mW system no-
load power at 5V steady-state operation.
● 12-pin 3x3mm TDFN package
3 Applications
● Rapid-charging AC/DC adapters for smart phones,
tablets and other portable devices
Qualcomm® Quick Charge
™ is a product of Qualcomm Technologies, Inc.


Similar Part No. - IW656P

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW656 DIALOG-IW656 Datasheet
498Kb / 8P
USB Power Delivery Controller for AC/DC Power Adapters
More results

Similar Description - IW656P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
USB Power Delivery Controller
03/25/14
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
logo
Dialog Semiconductor
IW657P DIALOG-IW657P Datasheet
611Kb / 9P
USB Power Delivery 3.0 Controller with Integrated Current Sense
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
USB Power Delivery Controller
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
USB Power Delivery Controller
logo
Microchip Technology
UPD301B MICROCHIP-UPD301B Datasheet
1Mb / 45P
Stand-alone USB Type-C??Power Delivery 3.0 Controller
05/14/19
logo
ON Semiconductor
FUSB3307 ONSEMI-FUSB3307 Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
logo
Microchip Technology
UPD301A MICROCHIP-UPD301A Datasheet
801Kb / 40P
Stand-alone USB Type-C™ Power Delivery 3.0 Controller
11-29-18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com