Electronic Components Datasheet Search
  English  ▼

X  

IW671 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # IW671
Description  Digital Green-Mode Synchronous Rectifier Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW671 Datasheet(HTML) 1 Page - Dialog Semiconductor

  IW671 Datasheet HTML 1Page - Dialog Semiconductor IW671 Datasheet HTML 2Page - Dialog Semiconductor IW671 Datasheet HTML 3Page - Dialog Semiconductor IW671 Datasheet HTML 4Page - Dialog Semiconductor IW671 Datasheet HTML 5Page - Dialog Semiconductor IW671 Datasheet HTML 6Page - Dialog Semiconductor IW671 Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
iW671
Digital Green-Mode Synchronous Rectifier Controller
Rev. 1.2
Product Summary
© 2017 Dialog Semiconductor
www.dialog-semiconductor.com
1 of 7
28-March-2017
1 Description
The iW671 is a high performance synchronous rectifier controller with an integrated MOSFET driver for flyback
converters operating at discontinuous conduction mode. Combined with the MOSFET, the iW671 can emulate the diode
rectifier at the secondary side of the flyback to reduce conduction loss. The iW671 determines the timing of the driver
by sensing the voltage across the RDS(ON) to achieve lossless sensing. The iW671 uses proprietary digital adaptive turn-
off control technology to minimize the turn-off deadtime of the synchronous rectifier so that the parallel Schottky diode
required by conventional synchronous rectifiers can be eliminated. The integrated driver has strong driving capability for
high efficiency. The operating power consumption of the controller excluding the driver is less than 4mW at no load to
achieve the ultra-low no-load power consumption for 5V applications. The iW671 integrates a pulse linear regulator to
maintain the operation of the synchronous rectifier at low system output voltage when the system is operating in constant
current (CC) mode.
The iW671 also integrates the adaptive voltage position monitor to detect the flyback converter output voltage
undershoot, enabling faster recovery from standby. Dialog’s iW1766C1 primary-side controllers are optimized to work
with the iW671 for very low output ripple, fast dynamic load response (DLR), and very low no-load power consumption
(< 15mW) at 230VAC input in a typical 5V, 2.5A power supply.
2 Features
● Digital adaptive turn-off control minimizes deadtime
and eliminates the parallel Schottky diode
● Integrated pulse linear regulator (PLR) allows SR
operation at low system output voltage down to 2V in
typical 5V, 2.5A USB charger applications
● Wide input operating voltage up to 30V
● Optimized 5V MOSFET gate driver
3 Applications
● Compact AC/DC adapters/chargers for media tablets
and smart phones
Figure 3.1 : iW671 Typical Application Circuit
● Intelligent low power management achieves ultra-low
no-load operating current < 0.65mA
● Lossless MOSFET VDS sensing for SR timing control
● Integrated adaptive voltage position monitor for fast
flyback output voltage undershoot detection
● 8-pin SOIC and 8-pin MSOP packages
VOUT
RTN
VPS
DRV
VIN
VCC
1
2
3
8
7
6
4
5
PLRIN
DRAIN
+
+
GND
OUT
iW671


Similar Part No. - IW671

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW671 RENESAS-IW671 Datasheet
636Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
02-Feb-2022
IW671-00-MSO8 RENESAS-IW671-00-MSO8 Datasheet
636Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
02-Feb-2022
IW671-00-SO8-B2 RENESAS-IW671-00-SO8-B2 Datasheet
636Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
02-Feb-2022
More results

Similar Description - IW671

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8 Datasheet
372Kb / 14P
SYNCHRONOUS RECTIFIER CONTROLLER
Rev erse
ZXGD3101N8 DIODES-ZXGD3101N8_15 Datasheet
372Kb / 14P
SYNCHRONOUS RECTIFIER CONTROLLER
Rev erse
logo
Eutech Microelectronics...
EUP9290 EUTECH-EUP9290 Datasheet
90Kb / 1P
Synchronous Rectifier Controller
logo
Texas Instruments
UCC24612 TI1-UCC24612 Datasheet
816Kb / 40P
High-Frequency Multi-Mode Synchronous Rectifier Controller
logo
Dialog Semiconductor
IW673 DIALOG-IW673 Datasheet
376Kb / 6P
Digital Green-Mode Synchronous Rectifier Controller
IW676 DIALOG-IW676 Datasheet
374Kb / 7P
Digital Synchronous Rectifier Controller Optimized for Wide
IW873 DIALOG-IW873 Datasheet
356Kb / 6P
Digital Green-Mode Synchronous Rectifier
logo
Renesas Technology Corp
IW671 RENESAS-IW671 Datasheet
636Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
02-Feb-2022
IW673 RENESAS-IW673 Datasheet
522Kb / 7P
Digital Green-Mode Synchronous Rectifier Controller
20-Feb-2022
IW873 RENESAS-IW873 Datasheet
461Kb / 6P
Digital Green-Mode Synchronous Rectifier
02-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com