Electronic Components Datasheet Search
  English  ▼

X  

IW671 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # IW671
Description  Digital Green-Mode Synchronous Rectifier Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW671 Datasheet(HTML) 3 Page - Dialog Semiconductor

  IW671 Datasheet HTML 1Page - Dialog Semiconductor IW671 Datasheet HTML 2Page - Dialog Semiconductor IW671 Datasheet HTML 3Page - Dialog Semiconductor IW671 Datasheet HTML 4Page - Dialog Semiconductor IW671 Datasheet HTML 5Page - Dialog Semiconductor IW671 Datasheet HTML 6Page - Dialog Semiconductor IW671 Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
iW671
Digital Green-Mode Synchronous Rectifier Controller
Rev. 1.2
Product Summary
© 2017 Dialog Semiconductor
www.dialog-semiconductor.com
3 of 7
28-March-2017
4 Pinout Description
Pin No.
Pin Name
Type
Pin Description
1
VPS
Analog Input Voltage position sense. Power supply output voltage information to be
compared with the internal reference voltage.
2
DRV
Analog
Output
External circuit drive. It drives an external circuit such as the opto-
coupler LED.
3
PLRIN
Power Input Pulse linear regulator (PLR) input. Connect this pin through a diode
(cathode to the pin) to the drain of the synchronous rectifier MOSFET.
4
DRAIN
Analog Input Synchronous rectifier MOSFET drain voltage sensing.
5
OUT
Output
Synchronous rectifier MOSFET driver.
6
GND
Ground
Ground.
7
VCC
Power Input
Output of internal LDO and PLR. It provides bias voltage for the
internal logic circuit and the MOSFET driver. Connect this pin to a
capacitor.
8
VIN
Power Input
Connect to adapter/charger output for bias voltage. The internal LDO
clamps the VCC voltage at 5V when VIN > 5V. The VIN is also the input
for the PLR enable comparator and the SR enable comparator.
Figure 4.1 : 8-Pin SOIC/MSOP Package
iW671
VPS
DRV
PLRIN
DRAIN
VIN
VCC
GND
OUT
1
2
3
8
7
6
4
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com