Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 1 Page - TT Electronics.

Part # 4501
Description  High Voltage Planar Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

4501 Datasheet(HTML) 1 Page - TT Electronics.

  4501 Datasheet HTML 1Page - TT Electronics. 4501 Datasheet HTML 2Page - TT Electronics. 4501 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Voltage Planar Resistors
4500 Series
Voltages up to 20kV dc.
Powersupto4.5Watts
TCR to 50ppm/°C
Customs design service available
Planarconstructiongiveslowinductanceandcapacitance
High Voltage
Planar Resistors
4500 Series
• Voltages up to 20kV dc.
• Powers up to 4.5 Watts
• TCR to 50ppm/°C
• Customs design service available
• Planar construction gives low inductance and
capacitance
4501
4502
4503
4504
4505
4506
4507
Power rating at 70°C
watts
1
1.7
2
3
2.8
3.6
4.5
Resistance range
ohms
20k to 500M 36k to 750M 36k to 750M
62k to 1G
51k to 1G
82k to 1G
180k to 1.5G
Limiting element voltage
volts
10k
10k
15k
15k
20k
20k
20k
TCR (20°C to 70°C)
ppm/°C
100, 150 (see table below for 50ppm)
Resistance tolerance
%
1, 2, 5
Values
Any value to order
Ambient temperature range
°C
-55 to 125
Value ranges for TCR of 100 ppm/°C
≤150M
≤270M
≤270M
≤470M
≤390M
≤680M
≤1.5G
Value ranges for TCR of 150 ppm/°C
>150M
>270M
>270M
>470M
>390M
>680M
Value ranges available for
M
0
0
6
<
M
0
0
3
<
M
0
5
2
<
M
0
5
2
<
M
0
0
2
<
M
0
5
1
<
M
0
0
1
<
C
°
/
m
p
p
0
5
f
o
R
C
T
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
205
Dimensions (mm) of Uncoated Resistors*
P (nominal)
Type
L max
H max
W max
450000
450000A
4501
25.7
9
2
20.3
22.9
4502
25.7
13
2
20.3
22.9
4503
38.7
9
2
33.0
35.6
4504
38.7
13
2
33.0
35.6
4505
51.2
9
2
45.7
48.3
4506
51.2
13
2
45.7
48.3
4507
51.2
25.7
2
45.7
48.3
Physical Data
*Conformally coated resistors: Add 1mm to dimensions L and H and 0.5mm to W.
4500 series new 2/6/03 4:01 pm Page 1
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
11.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - 4501

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4501 WELWYN-4501 Datasheet
130Kb / 2P
HIGH VOLTAGE PLANAR RESISTORS
logo
Renesas Technology Corp
4501 RENESAS-4501 Datasheet
844Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4501 RENESAS-4501 Datasheet
2Mb / 212P
4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
logo
TT Electronics.
4501 TTELEC-4501 Datasheet
432Kb / 3P
customs design service available
logo
Heyco.
4501 HEYCO-4501 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
More results

Similar Description - 4501

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4500 WELWYN-4500 Datasheet
130Kb / 2P
HIGH VOLTAGE PLANAR RESISTORS
logo
List of Unclassifed Man...
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
HIGH VOLTAGE THICK FILM PLANAR RESISTORS
logo
Token Electronics Indus...
HI83 TOKEN-HI83 Datasheet
658Kb / 7P
Thick Film Planar Dividers, High Voltage Resistors
logo
Murata Manufacturing Co...
MHR0307SA105M20 MURATA1-MHR0307SA105M20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA105M70 MURATA1-MHR0307SA105M70_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106D20 MURATA1-MHR0307SA106D20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106F20 MURATA1-MHR0307SA106F20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106G20 MURATA1-MHR0307SA106G20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106G70 MURATA1-MHR0307SA106G70_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA105F70 MURATA1-MHR0307SA105F70_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com