Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 2 Page - TT Electronics.

Part # 4501
Description  High Voltage Planar Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

4501 Datasheet(HTML) 2 Page - TT Electronics.

  4501 Datasheet HTML 1Page - TT Electronics. 4501 Datasheet HTML 2Page - TT Electronics. 4501 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Voltage
Planar Resistors
4500 Series
High Voltage
Planar Resistors
4500 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
206
Application Notes
The terminations should not be bent closer than 1.5mm from
the body, and the recommended minimum bend radius is 1mm.
Due to the high voltage which can appear between the resistor
body and any adjacent metal part, resistors should be mounted
at an adequate distance from other conducting parts.
Due to the possibility of surface condensation it is
recommended that high voltages are not applied to resistors
in conditions of high humidity.
Design Flexibility
The experience of Welwyn engineers has been used to design
this generation of high voltage planar resistors to be suitable
for a majority of applications. However, should an application
require particular consideration, Welwyn designers are
available to provide advice and where applicable, to
recommend a non-standard product. Special sizes, designs
etc, can be prototyped at short notice.
Non Standard Optional Features
The options listed below are some of the special features
which may be provided, subject to agreement.
Special substrate size.
Leadless version with palladium silver solder pads.
Special termination length, diameter and pitch.
Special designs for pulse applications.
Resistance value outside stated range.
Tolerance better than ± 1%
Temperature coefficient of ± 50ppm/°C.
Enquiries Welcomed
Packaging
Packed in foam within a box.
Construction
A high quality alumina substrate is printed with a specially
selected high voltage thick film resistor ink based on a
ruthenium oxide/glass system. A choice of protective systems
is available.
Choice of Protection
As standard components are supplied conformally coated
with an epoxy resin. By special request components can be
supplied unprotected or with a screen printed epoxy
‘handling’ protection.
Terminations
Material
Solder coated phosphor bronze leadframe.
Resistors can be supplied without leads, in
which case palladium silver pads enable
electrical connection to be made.
Strength
The terminations meet the requirements of
IEC 68.2.21.
Solderability The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Marking
Type and protection system references, resistance value
tolerance and manufacturing date code are legend marked.
The resistance value conforms to IEC 62.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Actual
Maximum
Typical
Load at rated power: 1000 hours at 70°C
∆R%
0.3
0.02
0.02
5
0.3
Shelf life: 12 months at room temperature
∆R%
<0.1
Derating
Zero at 125°C
Temperature rapid change
∆R%
0.1
Resistance to solder heat
∆R%
0.05
Voltage coefficient of
4501 and 4502
5
<3
Resistance ppm/volt
4503 and 4504
3
<2
4505, 4506 and 4507
1.5
<1
Performance Data
4500 series new 2/6/03 4:01 pm Page 2
High Voltage
Planar Resistors
4500 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
206
Application Notes
The terminations should not be bent closer than 1.5mm from
the body, and the recommended minimum bend radius is 1mm.
Due to the high voltage which can appear between the resistor
body and any adjacent metal part, resistors should be mounted
at an adequate distance from other conducting parts.
Due to the possibility of surface condensation it is
recommended that high voltages are not applied to resistors
in conditions of high humidity.
Design Flexibility
The experience of Welwyn engineers has been used to design
this generation of high voltage planar resistors to be suitable
for a majority of applications. However, should an application
require particular consideration, Welwyn designers are
available to provide advice and where applicable, to
recommend a non-standard product. Special sizes, designs
etc, can be prototyped at short notice.
Non Standard Optional Features
The options listed below are some of the special features
which may be provided, subject to agreement.
Special substrate size.
Leadless version with palladium silver solder pads.
Special termination length, diameter and pitch.
Special designs for pulse applications.
Resistance value outside stated range.
Tolerance better than ± 1%
Temperature coefficient of ± 50ppm/°C.
Enquiries Welcomed
Packaging
Packed in foam within a box.
Construction
A high quality alumina substrate is printed with a specially
selected high voltage thick film resistor ink based on a
ruthenium oxide/glass system. A choice of protective systems
is available.
Choice of Protection
As standard components are supplied conformally coated
with an epoxy resin. By special request components can be
supplied unprotected or with a screen printed epoxy
‘handling’ protection.
Terminations
Material
Solder coated phosphor bronze leadframe.
Resistors can be supplied without leads, in
which case palladium silver pads enable
electrical connection to be made.
Strength
The terminations meet the requirements of
IEC 68.2.21.
Solderability The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Marking
Type and protection system references, resistance value
tolerance and manufacturing date code are legend marked.
The resistance value conforms to IEC 62.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Actual
Maximum
Typical
Load at rated power: 1000 hours at 70°C
∆R%
0.3
0.02
0.02
5
0.3
Shelf life: 12 months at room temperature
∆R%
<0.1
Derating
Zero at 125°C
Temperature rapid change
∆R%
0.1
Resistance to solder heat
∆R%
0.05
Voltage coefficient of
4501 and 4502
5
<3
Resistance ppm/volt
4503 and 4504
3
<2
4505, 4506 and 4507
1.5
<1
Performance Data
4500 series new 2/6/03 4:01 pm Page 2
11.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com