Electronic Components Datasheet Search
  English  ▼

X  

THS6132VFPR Datasheet(PDF) 7 Page - Texas Instruments

Part # THS6132VFPR
Description  HIGH EFFICIENCY CLASS - G ADSL LINE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6132VFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS6132VFPR Datasheet HTML 3Page - Texas Instruments THS6132VFPR Datasheet HTML 4Page - Texas Instruments THS6132VFPR Datasheet HTML 5Page - Texas Instruments THS6132VFPR Datasheet HTML 6Page - Texas Instruments THS6132VFPR Datasheet HTML 7Page - Texas Instruments THS6132VFPR Datasheet HTML 8Page - Texas Instruments THS6132VFPR Datasheet HTML 9Page - Texas Instruments THS6132VFPR Datasheet HTML 10Page - Texas Instruments THS6132VFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
THS6132
SLLS543A – SEPTEMBER 2002 – REVISED FEBRUARY 2003
www.ti.com
7
THS6132a
1:1.2
–5V
8.66
Ω
100
Ω
1 k
Ω
1 k
Ω
1.33 k
Ω
1.33 k
Ω
953
Ω
CODEC
V
IN–
CODEC
V
IN+
8.66
Ω
+20 dBm
Line
Power
THS6132b
–12V
+
–
+5V
+12V
–
+
Figure 1.
±12 V Active Termination ADSL CO Line Driver Circuit (Synthesis Factor = 4; CF = 5.6)
PIN ASSIGNMENTS
PowerPAD
TM
32 31 30 29 28 27 26 25
9 1011 12 1314 15 16
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
THS6132
TQFP PowerPAD (VFP) PACKAGE
(TOP VIEW)
Power
PAD TM
THS6132
Leadless 5X5 PowerPAD
(RGW) PACKAGE
(TOP VIEW)
NC
NC
NC
NC
OUT1
IN1–
IN2–
OUT2
NC
NC
NC
IN1+
IN2+
REF
DGND
BIAS–1
OUT1
OUT2
IN1–
NC
IN2–
IN1+
IN2+
REF
DGND
BIAS–1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com