Electronic Components Datasheet Search
  English  ▼

X  

INA231 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # INA231
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA231 Datasheet HTML 18Page - Texas Instruments INA231 Datasheet HTML 19Page - Texas Instruments INA231 Datasheet HTML 20Page - Texas Instruments INA231 Datasheet HTML 21Page - Texas Instruments INA231 Datasheet HTML 22Page - Texas Instruments INA231 Datasheet HTML 23Page - Texas Instruments INA231 Datasheet HTML 24Page - Texas Instruments INA231 Datasheet HTML 25Page - Texas Instruments INA231 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22
INA231
SBOS644B – FEBRUARY 2013 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
(1)
Type: R = read-only, R/W = read/write.
(2)
The Current register defaults to '0' because the Calibration register defaults to '0', yielding a zero current and power value until the
Calibration register is programmed.
8.6 Register Maps
The INA231 uses a bank of registers for holding configuration settings, measurement results, minimum/maximum
limits, and status information. Table 3 summarizes the INA231 registers; refer to Figure 20 for an illustration of
the registers.
All 16-bit INA231 registers are two 8-bit bytes through the I2C interface.
Table 3. Summary of Register Set
POINTER
ADDRESS
REGISTER NAME
FUNCTION
POWER-ON RESET
TYPE(1)
HEX
BINARY
HEX
00
Configuration
This register resets all registers and
controls shunt voltage and bus voltage,
ADC conversion times and averaging,
as well as the device operating mode.
01000001 00100111
4127
R/W
01
Shunt Voltage
Shunt voltage measurement data
00000000 00000000
0000
R
02
Bus Voltage
Bus voltage measurement data
00000000 00000000
0000
R
03
Power(2)
This register contains the value of the
calculated power being delivered to the
load.
00000000 00000000
0000
R
04
Current(2)
This register contains the value of the
calculated current flowing through the
shunt resistor.
00000000 00000000
0000
R
05
Calibration
This register sets the full-scale range
and LSB of the current and power
measurements. This register sets the
overall system calibration.
00000000 00000000
0000
R/W
06
Mask/Enable
This register sets the alert configuration
and conversion ready flag.
00000000 00000000
0000
R/W
07
Alert Limit
This register contains the limit value to
compare to the selected alert function.
00000000 00000000
0000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com