Electronic Components Datasheet Search
  English  ▼

X  

INA231AIYFDR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFDR
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231AIYFDR Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA231AIYFDR Datasheet HTML 19Page - Texas Instruments INA231AIYFDR Datasheet HTML 20Page - Texas Instruments INA231AIYFDR Datasheet HTML 21Page - Texas Instruments INA231AIYFDR Datasheet HTML 22Page - Texas Instruments INA231AIYFDR Datasheet HTML 23Page - Texas Instruments INA231AIYFDR Datasheet HTML 24Page - Texas Instruments INA231AIYFDR Datasheet HTML 25Page - Texas Instruments INA231AIYFDR Datasheet HTML 26Page - Texas Instruments INA231AIYFDR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
23
INA231
www.ti.com
SBOS644B – FEBRUARY 2013 – REVISED AUGUST 2017
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
8.6.1 Configuration Register (00h, Read/Write)
Table 4. Configuration Register (00h, Read/Write) Descriptions
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
NAME
RST
—
—
—
AVG2
AVG1
AVG0
VBUSCT2 VBUSCT1 VBUSCT0
VSHCT2
VSHCT1
VSHCT0
MODE3
MODE2
MODE1
POR
VALUE
0
1
0
0
0
0
0
1
0
0
1
0
0
1
1
1
The Configuration register settings control the operating modes for the INA231. This register controls the
conversion time settings for both the shunt and bus voltage measurements, as well as the averaging mode used.
The operating mode that controls which signals are selected to be measured is also programmed in the
Configuration register.
The Configuration register can be read from at any time without impacting or affecting the device settings or a
conversion in progress. Writing to the Configuration register halts any conversion in progress until the write
sequence is complete, resulting in the start of a new conversion based on the new contents of the Configuration
register. This feature prevents any uncertainty in the conditions used for the next completed conversion.
RST:
Reset Bit
Bit 15
Setting this bit to 1 generates a system reset that is the same as a power-on reset; all registers are reset to default
values. This bit self-clears.
AVG:
Averaging Mode
Bits 9–11
These bits set the number of samples that are collected and averaged together. Table 5 summarizes the AVG bit
settings and related number of averages for each bit.
(1)
Shaded values are default.
8.6.1.1 AVG Bit Settings [11:9]
Table 5. AVG Bit Settings [11:9](1) Description
AVG2
(D11)
AVG1
(D10)
AVG0
(D9)
NUMBER OF
AVERAGES
0
0
0
1
0
0
1
4
0
1
0
16
0
1
1
64
1
0
0
128
1
0
1
256
1
1
0
512
1
1
1
1024
VBUS CT:
Bus Voltage Conversion Time
Bits 6–8
These bits set the conversion time for the bus voltage measurement. Table 6 shows the VBUS CT bit options and
related conversion times for each bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com