Electronic Components Datasheet Search
  English  ▼

X  

INA231AIYFDR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFDR
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231AIYFDR Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA231AIYFDR Datasheet HTML 28Page - Texas Instruments INA231AIYFDR Datasheet HTML 29Page - Texas Instruments INA231AIYFDR Datasheet HTML 30Page - Texas Instruments INA231AIYFDR Datasheet HTML 31Page - Texas Instruments INA231AIYFDR Datasheet HTML 32Page - Texas Instruments INA231AIYFDR Datasheet HTML 33Page - Texas Instruments INA231AIYFDR Datasheet HTML 34Page - Texas Instruments INA231AIYFDR Datasheet HTML 35Page - Texas Instruments INA231AIYFDR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
ALERT
SDA
SCL
A0
NC
VS
A1
NC
GND
IN+
IN-
BUS
CBYPASS
Connect to supply for VS
VIA to GND
VIA to another layer
VIA to another layer
I
2C/SMBUS
interface
Alert output
(Can be left floating
if unused)
Tie to GND, VS,
SCL, or SDA to set
I
2C address
32
INA231
SBOS644B – FEBRUARY 2013 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
10 Power Supply Recommendations
The INA231 input circuitry accurately measures signals on common-mode voltages beyond the device power-
supply voltage, VS. For example, the voltage applied to the power-supply pin (VS) can be 5 V; however, the load
power-supply voltage being monitored (the common-mode voltage) can be as high as 28 V. The device can also
withstand the full 0-V to 28-V range at the input terminals, regardless of whether the device has power applied or
not.
Place the required power-supply bypass capacitors as close as possible to the supply and ground pins of the
device. A typical value for this supply bypass capacitor is 0.1 μF. For more accurate results for applications with
noisy or high-impedance power supplies, use additional decoupling capacitors to reject power-supply noise.
11 Layout
11.1 Layout Guidelines
Connect the input pins (IN+ and IN–) to the sensing resistor using a Kelvin or 4-wire connection. These
connection techniques make sure that only the current-sensing resistor impedance is detected between the input
pins. Poor routing of the current-sensing resistor commonly results in additional resistance present between the
input pins. Given the very low ohmic value of the current-sensing resistor, any additional high-current-carrying
impedance causes significant measurement errors. Place the power-supply bypass capacitor as close as
possible to the supply and ground pins. Make sure the NC pins (B2 and C2) are not connected to anything.
11.2 Layout Example
Figure 32. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com