Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA381 Datasheet HTML 8Page - Texas Instruments INA381 Datasheet HTML 9Page - Texas Instruments INA381 Datasheet HTML 10Page - Texas Instruments INA381 Datasheet HTML 11Page - Texas Instruments INA381 Datasheet HTML 12Page - Texas Instruments INA381 Datasheet HTML 13Page - Texas Instruments INA381 Datasheet HTML 14Page - Texas Instruments INA381 Datasheet HTML 15Page - Texas Instruments INA381 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
ALERT
CMPREF
CMPIN, VOUT
4 V
Vs
4 V
VOUT
RESET
ALERT
VS+
GND
CMPIN
CMPREF
10 k:
RPULLUP
+
-
+
-
G = 20, 50,
100, 200
5 V
2.7 V to 5.5 V
INA381
REF3140
4 V
0.2% , 15ppm/°C
Copyright © 2017, Texas Instruments Incorporated
12
INA381
SBOS848 – DECEMBER 2017
www.ti.com
Product Folder Links: INA381
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 5. External Reference Voltage
7.3.7 Selecting a Current-Sensing Resistor
The device measures the differential voltage developed across a resistor when current flows through the
component to determine if the current being monitored exceeds a defined limit. This resistor is commonly
referred to as a current-sensing resistor or a current-shunt resistor, with each term commonly used
interchangeably. The flexible design of the device allows for measuring a wide differential input signal range
across this current-sensing resistor.
Selecting the value of this current-sensing resistor is based primarily on two factors: the required accuracy of the
current measurement and the allowable power dissipation across the current-sensing resistor. Larger voltages
developed across this resistor allow for more accurate measurements to be made. Amplifiers have fixed internal
errors that are largely dominated by the inherent input offset voltage. When the input signal decreases, these
fixed internal amplifier errors become a larger portion of the measurement and increase the uncertainty in the
measurement accuracy. When the input signal increases, the measurement uncertainty is reduced because the
fixed errors are a smaller percentage of the signal being measured. Therefore, the use of larger-value, current-
sensing resistors inherently improves the measurement accuracy.
However, a system design trade-off must be evaluated through use of larger input signals for improving the
measurement accuracy. Increasing the current-sense resistor value results in increased power dissipation across
the current-sensing resistor. Increasing the value of the current-shunt resistor increases the differential voltage
developed across the resistor when current passes through the component. This increase in voltage across the
resistor increases the power that the resistor must be able to dissipate. Decreasing the value of the current-shunt
resistor value reduces the power dissipation requirements of the resistor, but increases the measurement errors
resulting from the decreased input signal. Selecting the optimal value for the shunt resistor requires factoring
both the accuracy requirement for the specific application and the allowable power dissipation of this component.
An increasing number of very low ohmic-value resistors are becoming more widely available with values reaching
down as low as 1 mΩ or lower with power dissipations of up to 5 W that enable large currents to be accurately
monitored with sensing resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com