Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA381 Datasheet HTML 9Page - Texas Instruments INA381 Datasheet HTML 10Page - Texas Instruments INA381 Datasheet HTML 11Page - Texas Instruments INA381 Datasheet HTML 12Page - Texas Instruments INA381 Datasheet HTML 13Page - Texas Instruments INA381 Datasheet HTML 14Page - Texas Instruments INA381 Datasheet HTML 15Page - Texas Instruments INA381 Datasheet HTML 16Page - Texas Instruments INA381 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
VCMPREF ± 50 mV
VCMPREF
VCMPIN
ALERT
Alert
Output
13
INA381
www.ti.com
SBOS848 – DECEMBER 2017
Product Folder Links: INA381
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3.7.1 Selecting a Current-Sensing Resistor: Example
In this example, the trade-offs involved in selecting a current-sensing resistor are discussed. This example
requires 5% accuracy for detecting a 10-A overcurrent event under 20 µs where only 250 mW is allowable for the
dissipation across the current-sensing resistor at the full-scale current level. Although the maximum power
dissipation is defined as 250 mW, a lower dissipation is preferred to improve system efficiency. Given the total
error budget of 5%, the INA381 total error is less than 1%. The INA381 is well suited for this application as up to
1% of error is available to be attributed to the measurement error of the device under these conditions.
As shown in Table 2, the maximum value calculated for the current-sensing resistor with these requirements is
2.5 mΩ. Although this value satisfies the maximum power dissipation requirement of 250 mW, headroom is
available from the 2.5% maximum total overcurrent detection error to reduce the value of the current-sensing
resistor and reduce the power dissipation further. Selecting a 1.5-mΩ, current-sensing resistor value offers a
good tradeoff for reducing the power dissipation in this scenario by approximately 40% and still remaining within
the accuracy region.
Table 2. Calculating the Current-Sensing Resistor (RSENSE)
PARAMETER
EQUATION
VALUE
UNIT
IMAX
Maximum current
10
A
PD_MAX
Maximum allowable power dissipation
250
mW
RSENSE_MAX
Maximum allowable RSENSE
PD_MAX / IMAX
2
2.5
mΩ
VOS
Offset voltage, VCM = 12 V
500
µV
VOS_ERROR
Initial offset voltage error
(VOS / (RSENSE_MAX × IMAX ) × 100
2%
EG
Gain error
1%
ERRORTOTAL
Total measurement error
√(VOS_ERROR
2 + E
G
2)
2.23%
Allowable current threshold accuracy
5%
tp
Total system overcurrent response time
10
µs
Allowable overcurrent response
20
µs
7.3.8 Hysteresis
The on-board comparator in the INA381 is designed to reduce the possibility of oscillations in the alert output
when the measured signal level is near the overlimit threshold level as a result of noise. When the voltage
(VCMPIN) exceeds the voltage developed at the CMPREF pin, the ALERT pin asserts and pulls low. The output
voltage must drop below the CMPREF pin threshold voltage, as shown in Figure 6, by the hysteresis level of 50
mV for the ALERT pin to de-assert and return to the nominal high state. The INA381 is designed with a
hysteresis of 50 mV.
Figure 6. Typical Comparator Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com