Electronic Components Datasheet Search
  English  ▼

X  

LTL307GA6DP Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTL307GA6DP
Description  Through Hole Lamp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL307GA6DP Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTL307GA6DP Datasheet HTML 1Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 2Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 3Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 4Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 5Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 6Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 7Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 8Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3/9
Part No. : LTL307GA6DP
BNS-OD-FC002/A4
Through Hole Lamp
LTL307GA6DP (for ASUS only)
3. Absolute Maximum Ratings at TA=25°C
Parameter
Maximum Rating
Unit
Power Dissipation
75
mW
Peak Forward Current
(Duty Cycle≦1/10, Pulse Width≦10ms)
60
mA
DC Forward Current
20
mA
Derating Linear From 30℃
0.27
mA/°C
Operating Temperature Range
-30°C to + 85°C
Storage Temperature Range
-40°C to + 100°C
Lead Soldering Temperature
[2.0mm (.079") From Body]
265±5°C for 6 Seconds Max.
4. Electrical / Optical Characteristics at TA=25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
20
30
85
mcd
IF = 10mA
Note 1,5
Viewing Angle
2θ1/2
-
60
-
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
-
565
-
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
563
571
578
nm
IF = 10mA
Note 4
Spectral Line Half-Width
Δλ
-
15
-
nm
Forward Voltage
VF
1.6
2.0
2.6
V
IF = 10mA
Reverse Current
IR
-
-
100
μA
VR = 5V, Note 6
NOTE:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single wavelength which defines
the color of the device.
5. Iv guarantee must be included with ±15% testing tolerance.
6. Reverse voltage (VR) condition is applied for IR test only. The device is not designed for reverse operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com