Electronic Components Datasheet Search
  English  ▼

X  

LTL307GA6DP Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTL307GA6DP
Description  Through Hole Lamp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL307GA6DP Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTL307GA6DP Datasheet HTML 2Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 3Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 4Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 5Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 6Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 7Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 8Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 9Page - Lite-On Technology Corporation LTL307GA6DP Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7/9
Part No. : LTL307GA6DP
BNS-OD-FC002/A4
Through Hole Lamp
LTL307GA6DP (for ASUS only)
8. CAUTIONS
8.1. Application
This LED lamp is good for application of indoor and outdoor sign, also ordinary electronic equipment.
8.2. Storage
The storage ambient for the LEDs should not exceed 30°C temperature or 70% relative humidity. It is recommended that
LEDs out of their original packaging are used within three months. For extended storage out of their original packaging, it is
recommended that the LEDs be stored in a sealed container with appropriate desiccant or in desiccators with nitrogen
ambient.
8.3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LEDs if necessary.
8.4. Lead Forming & Assembly
During lead forming, the leads should be bent at a point at least 3mm from the base of LED lens. Do not use the base of the
lead frame as a fulcrum during forming. Lead forming must be done before soldering, at normal temperature. During assembly
on PCB, use minimum clinch force possible to avoid excessive mechanical stress.
8.5. Soldering
When soldering, leave a minimum of 2mm clearance from the base of the lens to the soldering point. Dipping the lens into the
solder must be avoided. Do not apply any external stress to the lead frame during soldering while the LED is at high
temperature.
Recommended soldering conditions:
Soldering iron
Wave soldering
Temperature
Soldering time
Position
350°C Max.
3 seconds Max.
(one time only)
No closer than 2mm
from the base of the epoxy bulb
Pre-heat
Pre-heat time
Solder wave
Soldering time
Dipping Position
135°C Max.
80 seconds Max.
270°C Max.
6 seconds Max.
No lower than 2mm from the
base of the epoxy bulb
Note: Excessive soldering temperature and/or time might result in deformation of the LED lens or catastrophic
failure of the LED. IR reflow is not suitable process for through hole type LED lamp product.
8.6. Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected in parallel in an
application, it is recommended that a current limiting resistor be incorporated in the drive circuit, in series with each LED as
shown in Circuit A below.
Circuit model (A)
Circuit model (B)
LED
LED
(A) Recommended circuit
(B) The brightness of each LED might appear different due to the differences in the I-V characteristics of those LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com