Electronic Components Datasheet Search
  English  ▼

X  

B0540WS Datasheet(PDF) 2 Page - Micro Commercial Components

Part # B0540WS
Description  0.5 Amp Schottky Rectifier 40 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

B0540WS Datasheet(HTML) 2 Page - Micro Commercial Components

  B0540WS Datasheet HTML 1Page - Micro Commercial Components B0540WS Datasheet HTML 2Page - Micro Commercial Components B0540WS Datasheet HTML 3Page - Micro Commercial Components B0540WS Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
25
50
75
100
125
0
50
100
150
200
250
300
0.0
0.2
0.4
0.6
0.8
0.01
0.1
1
0
0
1
20
0
3
0
4
0
5
60
0.1
1
10
100
1000
2000
Power Derating Curve
AMBIENT TEMPERATURE
URE
(℃)
Forward Characteristics
FORWARD VOLTAGE
V
F
(V)
Reverse
Characteristics
T
a
=100
oC
T
a
=25
oC
REVERSE VOLTAGE
V
R
(V)
Typical Characteristics
Micro Commercial Components
M C C
R
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
120
T
a
=25℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE V
R
(V)
www.mccsemi.com
Revision: B
2 of 4
2017/10/26



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com