Electronic Components Datasheet Search
  English  ▼

X  

B0540WS Datasheet(PDF) 1 Page - Micro Commercial Components

Part # B0540WS
Description  0.5 Amp Schottky Rectifier 40 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

B0540WS Datasheet(HTML) 1 Page - Micro Commercial Components

  B0540WS Datasheet HTML 1Page - Micro Commercial Components B0540WS Datasheet HTML 2Page - Micro Commercial Components B0540WS Datasheet HTML 3Page - Micro Commercial Components B0540WS Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.113
2.30
2.88
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.049
0.80
1.24
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.5A
Ta=25
o C
Peak Forward
Surge Current
IFSM
5A
8.3ms half
sine
Maximum
Instantaneous
Forward Voltage
V F
IFM=0.5A
TJ=25
o C
Maximum DC
Reverse Current
At Rated DC
Blocking Voltage
IR
0.
08mA
VR=40V
Typical Junction
Capacitance
C J
30pF
Measured at
1.0MHz,
V R=4.0V
B05
40WS
0.5 Amp Schottky
Rectifier
40 Volts
A
B
E
C
J
D
H
G
SOD323
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
Maximum
DC
Blocking
Voltage
MCC Part
Number
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Device
Marking
Power Dissipation
PD
250mW
B05
40WS
4
40V
28V
40V
0.
55V
Features
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
Extremely Low Thermal Resistance
For Surface Mount Application and High Current Capability
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Maximum Ratings
Operating Temperature: -55
oC to +125oC
Storage Temperature: -55
oC to +150oC
Maximum Thermal Resistance:
400
oC/W Junction to Ambient
Micro Commercial Components
M C C
R
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
Revision: B
1 of
4
2017/10/26


Similar Part No. - B0540WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0540WS DIODES-B0540WS Datasheet
89Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30524 Rev. 5 - 2
logo
Weitron Technology
B0540WS WEITRON-B0540WS Datasheet
209Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
B0540WS DIODES-B0540WS Datasheet
115Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30524 Rev. 8 - 2
logo
Weitron Technology
B0540WS WEITRON-B0540WS Datasheet
1Mb / 3P
Surface Mount Schottky Barrier Diode
logo
Shenzhen Jin Yu Semicon...
B0540WS HTSEMI-B0540WS Datasheet
436Kb / 2P
SCHOTTKY BARRIER DIODE
More results

Similar Description - B0540WS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR0540T1 MOTOROLA-MBR0540T1 Datasheet
133Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 40 VOLTS
logo
Solid States Devices, I...
SPD2520 SSDI-SPD2520 Datasheet
167Kb / 2P
0.5 AMP 20-40 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
B0530WS MCC-B0530WS Datasheet
314Kb / 4P
0.5 Amp Schottky Rectifier 30 Volts
MBR0520L MCC-MBR0520L Datasheet
275Kb / 3P
0.5 Amp Schottky Rectifier 20 to 40 Volts
RB400D MCC-RB400D_06 Datasheet
864Kb / 3P
0.5 Amp Schottky Barrier Rectifier 40 Volts
RB400DS MCC-RB400DS Datasheet
167Kb / 2P
0.5 Amp Schottky Barrier Rectifier 40 Volts
B0540W MCC-B0540W Datasheet
321Kb / 2P
0.5 Amp Schottky Rectifier 40 Volts
MBR0520L MCC-MBR0520L_17 Datasheet
210Kb / 3P
0.5 Amp Low VF Schottky Rectifier 20 to 40 Volts
RB400DS MCC-RB400DS_13 Datasheet
164Kb / 2P
0.5 Amp Schottky Barrier Rectifier 40 Volts
B0530WS MCC-B0530WS_13 Datasheet
330Kb / 4P
0.5 Amp Schottky Rectifier 30 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com