Electronic Components Datasheet Search
  English  ▼

X  

TMS320LF2402 Datasheet(PDF) 81 Page - Texas Instruments

Part # TMS320LF2402
Description  DSP CONTROLLERS
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2402 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320LF2402 Datasheet HTML 77Page - Texas Instruments TMS320LF2402 Datasheet HTML 78Page - Texas Instruments TMS320LF2402 Datasheet HTML 79Page - Texas Instruments TMS320LF2402 Datasheet HTML 80Page - Texas Instruments TMS320LF2402 Datasheet HTML 81Page - Texas Instruments TMS320LF2402 Datasheet HTML 82Page - Texas Instruments TMS320LF2402 Datasheet HTML 83Page - Texas Instruments TMS320LF2402 Datasheet HTML 84Page - Texas Instruments TMS320LF2402 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 106 page
background image
TMS320LF2407,TMS320LF2406, TMS320LF2402
TMS320LC2406,TMS320LC2404,TMS320LC2402
DSP CONTROLLERS
SPRS094C – APRIL 1999 – REVISED OCTOBER 1999
81
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
external memory interface
read timings
switching characteristics over recommended operating conditions for an external memory
interface read (see Figure 36)
PARAMETER
MIN
MAX
UNIT
td(COL–CNTL)
Delay time, CLKOUT low to control valid
3
ns
td(COL–CNTH) Delay time, CLKOUT low to control inactive
3
ns
td(COL–A)RD
Delay time, CLKOUT low to address valid
5
ns
td(COH–RDL)
Delay time, CLKOUT high to RD strobe active
4
ns
td(COL–RDH)
Delay time, CLKOUT low to RD strobe inactive high
–4
0
ns
td(COL–SL)
Delay time, CLKOUT low to STRB strobe active low
3
ns
td(COL–SH)
Delay time, CLKOUT low to STRB strobe inactive high
3
ns
th(A)COL
Hold time, address valid after CLKOUT low
–4
ns
tsu(A)RD
Setup time, address valid before RD strobe active low
22
ns
th(A)RD
Hold time, address valid after RD strobe inactive high
–1
ns
timing requirements [H = 0.5tc(CO)] (see Figure 36)
MIN
MAX
UNIT
ta(A)
Access time, read data from address valid
2H–13
ns
tsu(D)RD
Setup time, read data before RD strobe inactive high
12
ns
th(D)RD
Hold time, read data after RD strobe inactive high
0
ns
th(AIV-D)
Hold time, read data after address invalid
–3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com