Electronic Components Datasheet Search
  English  ▼

X  

TMS320LF2402 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320LF2402
Description  DSP CONTROLLERS
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2402 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320LF2402 Datasheet HTML 1Page - Texas Instruments TMS320LF2402 Datasheet HTML 2Page - Texas Instruments TMS320LF2402 Datasheet HTML 3Page - Texas Instruments TMS320LF2402 Datasheet HTML 4Page - Texas Instruments TMS320LF2402 Datasheet HTML 5Page - Texas Instruments TMS320LF2402 Datasheet HTML 6Page - Texas Instruments TMS320LF2402 Datasheet HTML 7Page - Texas Instruments TMS320LF2402 Datasheet HTML 8Page - Texas Instruments TMS320LF2402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
TMS320LF2407, TMS320LF2406, TMS320LF2402
TMS320LC2406, TMS320LC2404, TMS320LC2402
DSP CONTROLLERS
SPRS094C – APRIL 1999 – REVISED OCTOBER 1999
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Description
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TMS320x240x Device Summary
3
. . . . . . . . . . . . . . . . . . .
Functional Block Diagram of the ’2407 DSP Controller 4
Pin Functions
8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Memory Maps
15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peripheral Memory Map of the ’LF240x/’LC240x
21
. . . .
Device Reset and Interrupts
22
. . . . . . . . . . . . . . . . . . . . .
TMS320x240x Instruction Set
26
. . . . . . . . . . . . . . . . . . . .
Functional Block Diagram of the ’240x DSP CPU
27
. . .
Peripherals
36
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Event Manager Modules (EVA, EVB)
36
. . . . . . . . . . . .
Enhanced Analog-to-Digital Converter
(ADC) Module
40
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Controller Area Network (CAN) Module
41
. . . . . . . . . .
Serial Communications Interface (SCI) Module
44
. . . .
Serial Peripheral Interface (SPI) Module
46
. . . . . . . . . .
PLL-Based Clock Module
48
. . . . . . . . . . . . . . . . . . . . . .
Digital I/O and Shared Pin Functions
51
. . . . . . . . . . . . .
External Memory Interface (’LF2407)
54
. . . . . . . . . . . .
Watchdog (WD) Timer Module
55
. . . . . . . . . . . . . . . . . .
Development Support
58
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Documentation Support
61
. . . . . . . . . . . . . . . . . . . . . . . . .
Absolute Maximum Ratings
62
. . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions
62
. . . . . . . . . . . . .
Peripheral Register Description
90
. . . . . . . . . . . . . . . . . . .
Mechanical Data
103
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Table of Contents
description
The TMS320LF240x and TMS320LC240x devices, new members of the ’24x family of digital signal processor
(DSP) controllers, are part of the C2000 platform of fixed-point DSPs. The ’240x devices offer the enhanced
TMS320 architectural design of the ’C2xx core CPU for low-cost, low-power, high-performance processing
capabilities. Several advanced peripherals, optimized for digital motor and motion control applications, have
been integrated to provide a true single chip DSP controller. While code-compatible with the existing ’24x DSP
controller devices, the ’240x offers increased processing performance (30 MIPS) and a higher level of peripheral
integration. See the TMS320x240x device summary section for device-specific features.
The ’240x family offers an array of memory sizes and different peripherals tailored to meet the specific
price/performance points required by various applications. Flash-based devices of up to 32K words offer a
reprogrammable solution useful for:
–
Applications requiring field programmability upgrades
–
Development and initial prototyping of applications that migrate to ROM-based devices
Flash devices and corresponding ROM devices are fully pin-to-pin compatible. Note that flash-based devices
contain a 256-word boot ROM to facilitate in-circuit programming.
All ’240x devices offer at least one event manager module which has been optimized for digital motor control
and power conversion applications. Capabilities of this module include centered- and/or edge-aligned PWM
generation, programmable deadband to prevent shoot-through faults, and synchronized analog-to-digital
conversion. Devices with dual event managers enable multiple motor and/or converter control with a single
’240x DSP controller.
The high performance, 10-bit analog-to-digital converter (ADC) has a minimum conversion time of 500 ns and
offers up to 16 channels of analog input. The auto sequencing capability of the ADC allows a maximum of
16 conversions to take place in a single conversion session without any CPU overhead.
A serial communications interface (SCI) is integrated on all devices to provide asynchronous communication
to other devices in the system. For systems requiring additional communication interfaces; the ’2407, ’2406,
and ’2404 offer a 16-bit synchronous serial peripheral interface (SPI). The ’2407 and ’2406 offer a controller area
network (CAN) communications module that meets 2.0B specifications. To maximize device flexibility,
functional pins are also configurable as general purpose inputs/outputs (GPIO).
To streamline development time, JTAG-compliant scan-based emulation has been integrated into all devices.
This provides non-intrusive real-time capabilities required to debug digital control systems. A complete suite
of code generation tools from C compilers to the industry-standard Code Composer debugger supports this
family. Numerous third party developers not only offer device-level development tools, but also system-level
design and development support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com