Electronic Components Datasheet Search
  English  ▼

X  

FR1002GP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # FR1002GP
Description  10 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR1002GP Datasheet(HTML) 2 Page - Micro Commercial Components

  FR1002GP Datasheet HTML 1Page - Micro Commercial Components FR1002GP Datasheet HTML 2Page - Micro Commercial Components FR1002GP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision:
C
20
17/07/14
www.mccsemi.com
2 of
3
Micro Commercial Components
M C C
R
■Characteristics(Typical)
0
50
150
FIG.1 FORWARD CURRENT DERATING CURVE
S
ingle Phase
Half Wave 60HZ
Resisteve or
Inductive Load
0.375''(9.5mm)
Lead Length
Ta(℃)
100
0
FIG.2 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
2
1
4
6
8 10
20
40
60 80 100
40
80
120
160
200
0
240
2
80
Fig 5. Diagram of circuit and Testing wave form of reverse recovery time
-0.25
-1.0
+0.5
/
(-)
(+)
(-)
(+)
50Ω
10Ω
1Ω
=7
=1 Ω 22
=10
.
Ω
Number of Cycles
FIG.3 TYPICAL FORWARD CHARACTERISTICS
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.01
0.6
VF(V)
0.8
1.0
1.2
1.4
0.1
100
1.0
10
2.0
1.6
1.8
2
4
6
8
10
FIG.4 TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=100℃
Tj=125℃
Tj=25℃
0.001
0.01
0
20
40
60
80
100
0.1
1.0
10
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com