Electronic Components Datasheet Search
  English  ▼

X  

FR1002GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FR1002GP
Description  10 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR1002GP Datasheet(HTML) 1 Page - Micro Commercial Components

  FR1002GP Datasheet HTML 1Page - Micro Commercial Components FR1002GP Datasheet HTML 2Page - Micro Commercial Components FR1002GP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FR1001
GP
THRU
FR1007
GP
10 Amp
Glass
Features
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR1001
GP
50V
35V
50V
FR1002
GP
100V
70V
100V
FR1003
GP
200V
140V
200V
FR1004
GP
400V
280V
400V
FR1005
GP
600V
420V
600V
FR1006
GP
800V
560V
800V
FR1007
GP
1000V
700V
1000V
Average Forward
Current
IF(AV)
10 A
Ta = 55°C
Peak Forward Surge
Current
IFSM
250A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 10A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5µA
TA = 25
°C
R-6
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.360
8.60
9.10
B
.340
.360
8.60
9.10
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
D
D
C
Cathode
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
Revision:
C
Passivated Fast
Recovery Rectifier
50 to 1000 Volts
FR1001
GP
FR1002
GP
FR1003
GP
FR1004
GP
FR1005
GP
FR1006
GP
FR1007
GP
www.mccsemi.com
1 of
3
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7
a
•
Halogen free available upon request by adding suffix "-HF"
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Maximum Reverse
Recovery Time
Trr
150ns
250ns
IF=0.5A, IR=1.0A,
I rr=0.25A
FR1001
GP-1004GP
FR1005
GP
FR1006
GP-1007GP
500ns
Micro Commercial Components
M C C
R
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
High Current Capability and Low Forward Voltage Drop
•
Low Reverse Leakage Current and Diffused Junction
20
17/07/14
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Typical Thermal Resistance: RθJ-a:8℃/W
RθJ-C:5 ℃/W
Electrical Characteristics @ 25 ℃Unless Otherwise Specified


Similar Part No. - FR1002GP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FR1002G TSC-FR1002G Datasheet
93Kb / 2P
Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1002G TSC-FR1002G Datasheet
344Kb / 2P
Isolated10 Amps Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FR1002G LUGUANG-FR1002G Datasheet
273Kb / 2P
Isolated 10AMP. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FR1002GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR151GP MCC-FR151GP Datasheet
83Kb / 3P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP Datasheet
80Kb / 3P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_11 Datasheet
448Kb / 4P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801G MCC-FRA801G Datasheet
489Kb / 3P
8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_13 Datasheet
471Kb / 4P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801G MCC-FRA801G_13 Datasheet
558Kb / 3P
8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR501GP MCC-FR501GP Datasheet
496Kb / 4P
5 Amp Glass Recovery Rectifier 50 to 1000 Volts Passivated Fast
FR601GP MCC-FR601GP_15 Datasheet
683Kb / 4P
6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801GF MCC-FRA801GF Datasheet
416Kb / 3P
8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com