Electronic Components Datasheet Search
  English  ▼

X  

CPX2 Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # CPX2
Description  2700 baud wireless packet modem
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

CPX2 Datasheet(HTML) 4 Page - Radiometrix Ltd

  CPX2 Datasheet HTML 1Page - Radiometrix Ltd CPX2 Datasheet HTML 2Page - Radiometrix Ltd CPX2 Datasheet HTML 3Page - Radiometrix Ltd CPX2 Datasheet HTML 4Page - Radiometrix Ltd CPX2 Datasheet HTML 5Page - Radiometrix Ltd CPX2 Datasheet HTML 6Page - Radiometrix Ltd CPX2 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Radiometrix Ltd
CPX2 Data Sheet
page 4
Pin description
Pin
Name
Function
1
GND
Ground
2
RXD
Received Data output at 3V UART (inverted RS232) level
3
TXD
Transmit Data input at 3V UART (inverted RS232) level [No pull-up]
4
/TXON
/RXOFF
/TXON Active low Transmitter ON indicator Output [Transmit Mode]
/RXOFF Active low Receiver hot Standby Input [Receive Mode]
Open drain, 50k
 internal pull-up
5
VDD
3.3V DC (externally regulated power supply)
RSSI
Received Signal Strength Indicator output
(An optional pad for wire connection)
1a
RF
RF in/out (50
 impedance)
2a
RFGND
RF Ground
Notes:
1.
TXD has no internal pull-up. If the unit is used in Receive only mode, tie this pin to VCC
2.
VDD must be a clean 3.3V DC regulated supply
3.
The STATUS pin. In transmit, this pin pulls low if the device is transmitting a data packet.
On receive it floats high. If pulled low in receive, the unit goes into hot standby (<2mA)
In standby the unit does not receive, but will go into transmit if valid data is presented to TXD.
4.
TXD / RXD are inverted RS232 at 3V CMOS levels. To connect to a true RS232 device, inverting
level shifters must be used (e.g. MAX232 type are ideal, but simple NPN transistor switches with
pull-ups often suffice). With typical microcontrollers and UARTs, direct connection is possible.
5.
Because CPX2 provides a lower 2,700 baud half duplex radio link with higher 57,600 user baud rate,
no more than 32 bytes should be uploaded at a time. i.e. data cannot be streamed.
6.
Provided no two devices attempt to transmit at one time, then no further restrictions on data
transmission need be made, as all transmit timing, valid data identification and data byte buffering is
conducted by the unit. There is no 'transmit enable' pin. Synchronisation and framing words in the
packet prevent the receiver outputting garbage in the absence of signal or presence of interference.
7.
A 2.2k
 resistance is present from RF pin 1a to ground for ESD protection



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com