Electronic Components Datasheet Search
  English  ▼

X  

CPX2 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # CPX2
Description  2700 baud wireless packet modem
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

CPX2 Datasheet(HTML) 5 Page - Radiometrix Ltd

  CPX2 Datasheet HTML 1Page - Radiometrix Ltd CPX2 Datasheet HTML 2Page - Radiometrix Ltd CPX2 Datasheet HTML 3Page - Radiometrix Ltd CPX2 Datasheet HTML 4Page - Radiometrix Ltd CPX2 Datasheet HTML 5Page - Radiometrix Ltd CPX2 Datasheet HTML 6Page - Radiometrix Ltd CPX2 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Radiometrix Ltd
CPX2 Data Sheet
page 5
Condensed specifications
Frequency
433.92MHz
Frequency stability
±10kHz
Channel width
250kHz
Number of channels
1
Supply Voltage
3.3V DC
Current
23mA transmit
13mA receive/
<2mA standby
Operating temperature
-20
°C to +55°C (Storage -30°C to +70°C)
Spurious radiations
Compliant with ETSI EN 300 220-2 and EN 301 489-3
Interfaces
User
5pin 0.1" pitch molex (pin 6 absent)
RF
2pin 0.1" pitch molex
Size
40 x 14 x 5mm
Transmitter
Output power
2mW ±1dB
TX on switching time
<4ms
Modulation type
2.7kbps NRZ FSK
FM peak deviation
+/-30kHz (nominal)
TX spurious
<-36dBm
Receiver
Sensitivity
-105dBm (for 0.1% data error)
Blocking
-50dB (±1MHz)
Local Oscillator re-radiation
<-57dBm
Interface
Data rate
57,600baud, Half duplex
Format
1 Start bit, 8 Data bits, No parity, 1 Stop bit
Levels
3V CMOS (inverted RS232 ‘0’=0V, ‘1’=3V)
Buffers
32 byte FIFO
Flow control
None
Initial start up
10ms from power on



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com