Electronic Components Datasheet Search
  English  ▼

X  

EMC Datasheet(PDF) 4 Page - TT Electronics.

Part # EMC
Description  Pulse Withstanding Fusible Flameproof Metal Film Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

EMC Datasheet(HTML) 4 Page - TT Electronics.

  EMC Datasheet HTML 1Page - TT Electronics. EMC Datasheet HTML 2Page - TT Electronics. EMC Datasheet HTML 3Page - TT Electronics. EMC Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Pulse Withstanding Fusible
Flameproof Metal Film Resistors
EMC Series
Ordering Procedure
Example: EMC2-33RMI (EMC2,33ohms±20%,Pb-free)
03.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
EMC REPLACEMENT
Example: EMC2-33RMI (EMC2, 33 ohms ±20%, Pb-free)
WP-S ADDITIONAL
Example: WPP2R-680RJT15 (WPP2R radially formed & taped, 680 ohms ±5%, Pb-free)
E M C 2
-
3
3 R M
I
1
2
3
4
5
1
2
3
4
5
Type
Leadforming
Value
Tolerance
Packing
EMC2
Blank = Axial
3/4 characters K = ±10%
I
EMC2 Ammo 2000/box
R = Radial taped
R = ohms
M = ±20% T15 EMC2R Reel 1500/reel
W P
P 2 R
-
6
8
0 R J
T
1 5
1
2
3
4
5
1
2
3
4
5
Type
Leadforming
Value
Tolerance
Packing
WPP2 R = Radial taped 3/4 characters F = ±1%
T15 Tape & reel, 1500/reel
R = ohms
G = ±2%
J = ±5%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com