Electronic Components Datasheet Search
  English  ▼

X  

EMC Datasheet(PDF) 1 Page - TT Electronics.

Part # EMC
Description  Pulse Withstanding Fusible Flameproof Metal Film Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

EMC Datasheet(HTML) 1 Page - TT Electronics.

  EMC Datasheet HTML 1Page - TT Electronics. EMC Datasheet HTML 2Page - TT Electronics. EMC Datasheet HTML 3Page - TT Electronics. EMC Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pulse Withstanding Fusible
Flameproof Metal Film Resistors
EMC Series
UL1412 recognised*
Failsafe 240V mains fusing
Good pulse handling capability
Smallsizeforpowerrating
UL94-V0flameproofprotection
SurfacemountZI-formoption
*Values22Randabove.ULfilenumberE234469
Dimensions (mm) & Weight (g)
Type
L max
D max
f min
d nom
PCB
mount
centres
Min bend
radius
Wt. nom
EMC2
10
4
27
0.8
18.4
1.2
0.55
Physical Data
L
f
D
d
EMC2
Powerratingat70°C
Watts
2
Resistance range
Ohms
4R7–68R
TCR(25to75°C)
ppm/°C
100
IsolationVoltage
Volts
500
Resistance Tolerance
%
10, 20
Standard Values
E12
Thermal Impedance
°C/Watt
82
Ambient temperature range
°C
-55 to +155
ElectricalData
Construction
Themetalfilmisdepositedontoahighpurityceramicrod.Endcapsareforcefittedandterminationwiresarewelded
totheendcaps.Finally,acementprotectionisappliedtotheresistorbodypriortomarkingwithindelibleink.Thecementprotection
isappliedinamannerthatleavestheterminationscompletelyclear.Thispermitsawell-definedbodylength(cleanleadtocleanlead
dimension L).
Terminations
Material: Solder-coated copper wire
Strength:TheterminationsmeettherequirementsofIEC68.2.21
Solderability:TheterminationsmeettherequirementsofIEC115-1Clause4.17.3.2
Solvent Resistance
Thebodyprotectionandmarkingareresistanttoallnormalindustrialcleaningsolventssuitableforprintedcircuits.
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
03.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - EMC

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
EMC WELWYN-EMC Datasheet
59Kb / 3P
Pulse Withstanding Fusible Flameproof Metal Film Resistors
logo
3M Electronics
EMC 3M-EMC Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
TE Connectivity Ltd
EMC TEC-EMC Datasheet
242Kb / 3P
Compact dual stage filter series
logo
CUI INC
EMC-03 CUI-EMC-03 Datasheet
574Kb / 4P
AC POWER LINE FILTER
01/12/2022
EMC-05A CUI-EMC-05A Datasheet
782Kb / 6P
AC POWER LINE FILTER
01/12/2022
More results

Similar Description - EMC

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
EMC WELWYN-EMC Datasheet
59Kb / 3P
Pulse Withstanding Fusible Flameproof Metal Film Resistors
FA025 WELWYN-FA025 Datasheet
93Kb / 2P
Flameproof Metal Film Resistors
MFP WELWYN-MFP Datasheet
394Kb / 2P
Flameproof Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
Flameproof Power Metal Film Resistors
logo
Vishay Siliconix
CMFFUSE VISHAY-CMFFUSE Datasheet
108Kb / 3P
Metal Film Resistors, Special Purpose, Fusible, Flameproof
FP VISHAY-FP Datasheet
234Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
PR02-FS VISHAY-PR02-FS Datasheet
164Kb / 8P
High Pulse, Fusible, Non-Inductive, Flameproof, Metal Film Resistor
15-Feb-17
logo
WALSIN TECHNOLOGY CORPO...
WFXXQ_S WALSIN-WFXXQ_S Datasheet
1Mb / 11P
Thin Film Pulse Withstanding Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com