Electronic Components Datasheet Search
  English  ▼

X  

F44D Datasheet(PDF) 1 Page - TT Electronics.

Part # F44D
Description  Thick Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

F44D Datasheet(HTML) 1 Page - TT Electronics.

  F44D Datasheet HTML 1Page - TT Electronics. F44D Datasheet HTML 2Page - TT Electronics. F44D Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Voltage
Thick Film Resistors
F Series
Working voltage up to 28kV
Resistance up to 150G
Terminationvariants
Setssuppliedwithmatchedcharacteristics
Goodratiomatchingoverwidevoltagerange
High Voltage
Thick Film Resistors
F Series
• Working voltage up to 28kV
• Resistance up to 150G
• Termination variants
• Sets supplied with matched characteristics
• Good ratio matching over wide voltage range
F43
F44
Notes
Power rating
watts
0.7
1.3
Resistance range
ohms
2M to 100G
2M to 150G
Limiting element voltage
volts
4K
14K
In air
volts
8K
28K
In oil
TCR 20° - 70°C
ppm/°C
-2000
Resistance tolerance
%
2, 5, 10
Measured at 100 volts dc
Standard values
E24 preferred
Any value to special order
Thermal impedance
°C/watt
44
33
Ambient temperature range
°C
-55 to 100
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
201
L
D
f
d
L
L
F44D
F44TU
F44KU
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
Bend
Type
L max
D max
f min
d nom
centres
Radius Wt. nom
F43D
25.4
8.4
32.0
0.8
31.8
1.2
3.1
F44D
50.8
8.4
32.0
0.8
57.2
1.2
5.6
F43KU
30.2
8.5
32.0
0.8
3.9
F44KU
53.2
8.5
32.0
0.8
7.4
F43TU
32.6
8.5
5.8
F44TU
55.6
8.5
8.2
Physical Data
Resistors
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)
04.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - F44D

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
F44D WELWYN-F44D Datasheet
96Kb / 2P
High Voltage Thick Film Resistors
More results

Similar Description - F44D

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
TF2003 RIEDON-TF2003 Datasheet
306Kb / 2P
Thick Film Resistors
logo
List of Unclassifed Man...
0402WGF0000TCE ETC2-0402WGF0000TCE Datasheet
94Kb / 9P
Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEYJ101V PANASONIC-ERJ-8GEYJ101V Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF2202 ROHM-MCR01MZPF2202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEY0R00V PANASONIC-ERJ-8GEY0R00V Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-14YJ301U PANASONIC-ERJ-14YJ301U Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Riedon Powertron
TF2003 RIEDON-TF2003_13 Datasheet
177Kb / 2P
Thick Film Resistors
logo
Panasonic Semiconductor
ERJ-12YJ272U PANASONIC-ERJ-12YJ272U Datasheet
84Kb / 2P
Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com