Electronic Components Datasheet Search
  English  ▼

X  

F44D Datasheet(PDF) 3 Page - TT Electronics.

Part # F44D
Description  Thick Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

F44D Datasheet(HTML) 3 Page - TT Electronics.

  F44D Datasheet HTML 1Page - TT Electronics. F44D Datasheet HTML 2Page - TT Electronics. F44D Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High Voltage
Thick Film Resistors
F Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
202
Ordering Procedure
Example: F44 wire-ended and sleeved at 4.7 gigohms and 5% tolerance -
F 4 4 D – 4 G 7 J I
Type
Termination
D
Wire / wire
KU
Wire / screw
TU
Screw / screw
Protection
Lacquered & Sleeved
H Lacquered only (for use in oil or SF6)
Value (use IEC62 code)
Tolerance (use IEC62 code)
G 2%
J
5%
K
10%
Packing
I
Box
10 or 20/box
Standard
High Voltage
Thick Film Resistors
F Series
04.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com