Electronic Components Datasheet Search
  English  ▼

X  

AD571 Datasheet(PDF) 9 Page - Analog Devices

Part # AD571
Description  10-Bit A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD571 Datasheet(HTML) 9 Page - Analog Devices

  AD571 Datasheet HTML 1Page - Analog Devices AD571 Datasheet HTML 2Page - Analog Devices AD571 Datasheet HTML 3Page - Analog Devices AD571 Datasheet HTML 4Page - Analog Devices AD571 Datasheet HTML 5Page - Analog Devices AD571 Datasheet HTML 6Page - Analog Devices AD571 Datasheet HTML 7Page - Analog Devices AD571 Datasheet HTML 8Page - Analog Devices AD571 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AD571
REV.
–8–
zero, blanking the previously active port at the same time. Sub-
sequently, this second device can be read by the microprocessor,
and so-forth. The status lines are wire-ored in 2 groups and
connected to the two remaining control pins. This allows a con-
version status check to be made after a convert command, if
necessary. The ADCs are divided into two groups to minimize
the loading effect of the internal pull-up resistors on the
DATA
READY buffers.
with the 2 control bits (which act as outputs), are used to con-
trol the 8 AD571s. When a control line is in the “1” or high
state, the ADC will be automatically blanked. That is, its out-
puts will be in the inactive open state. If a single control line is
switched low, its ADC will convert and the outputs will auto-
matically go active when the conversion is complete. The result
can then be read from the two peripheral ports; when the next
conversion is desired, a different control line can be switched to
B
OUTLINE DIMENSIONS
18
1
9
10
0.310 (7.87)
0.220 (5.59)
PIN 1
0.098 (2.49) MAX
0.005 (0.13) MIN
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.060 (1.52)
0.015 (0.38)
0.200 (5.08)
MAX
0.200 (5.08)
0.125 (3.18)
0.070 (1.78)
0.030 (0.76)
0.960 (24.38) MAX
0.100
(2.54)
BSC
0.150
(3.81)
MIN
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
Figure 16. 18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
(D-18)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD571JD
0°C to +70°C
18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-18
AD571SD
–55°C to +125°C
18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-18
AD571SD/883B
–55°C to +125°C
18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-18
5962-8680202VA
–55°C to +125°C
18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-18
REVISION HISTORY
4/12—Rev. A to Rev. B
Changes to Temperature Coefficients Full-Scale Calibration
Parameter ...........................................................................................2
Changes to V+ Operating Current Parameter ..............................2
Updated Outline Dimensions..........................................................8
Added Ordering Guide and Revision History Section ................8
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D
10739-0-4/12(B)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com