Electronic Components Datasheet Search
  English  ▼

X  

AD571 Datasheet(PDF) 3 Page - Analog Devices

Part # AD571
Description  10-Bit A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD571 Datasheet(HTML) 3 Page - Analog Devices

  AD571 Datasheet HTML 1Page - Analog Devices AD571 Datasheet HTML 2Page - Analog Devices AD571 Datasheet HTML 3Page - Analog Devices AD571 Datasheet HTML 4Page - Analog Devices AD571 Datasheet HTML 5Page - Analog Devices AD571 Datasheet HTML 6Page - Analog Devices AD571 Datasheet HTML 7Page - Analog Devices AD571 Datasheet HTML 8Page - Analog Devices AD571 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AD571–SPECIFICATIONS
(TA = +25 C, V+ = +5 V, V– = –12 V or –15 V, all voltages measured with respect to
digital common, unless otherwise noted)
REV.
–2–
AD571J
AD571K
AD571S
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
10
10
10
Bits
RELATIVE ACCURACY, TA
1
1/2
1
LSB
TMIN to TMAX
1
1/2
1
LSB
FULL-SCALE CALIBRATION
±2
±2
±2
LSB
UNIPOLAR OFFSET
1
1/2
1
LSB
BIPOLAR OFFSET
1
1/2
1
LSB
DIFFERENTIAL NONLINEAIRTY, TA
10
10
10
Bits
TMIN to TMAX
910
10
Bits
TEMPERATURE RANGE
0
+70
0
+70
–55
+125
°C
TEMPERATURE COEFFICIENTS
Unipolar Offset
2
1
2
LSB
Bipolar Offset
2
1
2
LSB
Full-Scale Calibration2
4
2
LSB
POWER SUPPLY REJECTION
CMOS Positive Supply
+13.5 V
≤ V + ≤ +16.5 V
–
–
–
1
–
–
–
LSB
TTL Positive Supply
+4.5 V
≤ V + ≤ +5.5 V
2
1
2
LSB
Negative Supply
–16.0 V
≤ V – ≤ –13.5 V
2
1
2
LSB
ANALOG INPUT IMPEDANCE
3.0
5.0
7.0
3.0
5.0
7.0
3.0
5.0
7.0
k
Ω
ANALOG INPUT RANGES
Unipolar
0
+10
0
+10
0
+10
V
Bipolar
–5
+5
–5
+5
–5
+5
V
OUTPUT CODING
Unipolar
Positive True Binary
Positive True Binary
Positive True Binary
Bipolar
Positive True Offset Binary
Positive True Offset Binary
Positive True Offset Binary
LOGIC OUTPUT
Output Sink Current
(VOUT = 0.4 V max, TMIN to TMAX)
3.2
3.2
3.2
mA
Output Source Current
1
(VOUT = 2.4 V max, TMIN to TMAX)
0.5
0.5
0.5
mA
Output Leakage
40
40
40
μA
LOGIC INPUT
Input Current
100
100
100
μA
Logic “1”
2.0
2.0
2.0
V
Logic “0”
0.8
0.8
0.8
V
CONVERSION TIME, TMIN to TMAX
15
25
40
15
25
40
15
25
40
μs
POWER SUPPLY
V+
+4.5
+5.0
+7.0
+4.5
+5.0
+16.5
+4.5
+5.0
+7.0
V
V–
–12.0
–15
–16.5
–12.0
–15
–16.5
–12.0
–15
–16.5
V
OPERATING CURRENT
V+
7
7
7
mA
V–
9
15
9
15
9
15
mA
PACKAGE OPTION
2
Ceramic DIP (D-18)
AD571JD
AD571KD
AD571SD
NOTES
1The data output lines have active pull-ups to source 0.5 mA. The
DATA READY line is open collector with a nominal 6 kΩ internal pull-up resistor.
2For details on grade and package offerings for SD-grade in accordance with MIL-STD-883, refer to Analog Devices’ Military Products databook or current /883B
data sheet.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
B
15
15
8
15



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com