Electronic Components Datasheet Search
  English  ▼

X  

AD673JD Datasheet(PDF) 5 Page - Analog Devices

Part # AD673JD
Description  8-Bit A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD673JD Datasheet(HTML) 5 Page - Analog Devices

  AD673JD Datasheet HTML 1Page - Analog Devices AD673JD Datasheet HTML 2Page - Analog Devices AD673JD Datasheet HTML 3Page - Analog Devices AD673JD Datasheet HTML 4Page - Analog Devices AD673JD Datasheet HTML 5Page - Analog Devices AD673JD Datasheet HTML 6Page - Analog Devices AD673JD Datasheet HTML 7Page - Analog Devices AD673JD Datasheet HTML 8Page - Analog Devices AD673JD Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AD673
REV. A
–4–
Full-Scale Calibration
The 5 k
Ω thin-film input resistor is laser trimmed to produce a
current which matches the full-scale current of the internal
DAC-plus about 0.3%—when an analog input voltage of 9.961
volts (10 volts – 1 LSB) is applied at the input. The input resis-
tor is trimmed in this way so that if a fine trimming potentio-
meter is inserted in series with the input signal, the input
current at the full scale input voltage can be trimmed down to
match the DAC full-scale current as precisely as desired. How-
ever, for many applications the nominal 9.961 volt full scale can
be achieved to sufficient accuracy by simply inserting a 15
Ω re-
sistor in series with the analog input to Pin 14. Typical full-scale
calibration error will then be within
±2 LSB or ±0.8%. If
more precise calibration is desired, a 200
Ω trimmer should be
used instead. Set the analog input at 9.961 volts, and set the
trimmer so that the output code is just at the transition between
111111 10 and 11111111. Each LSB will then have a weight of
39.06 mV. If a nominal full scale of 10.24 volts is desired
(which makes the LSB have a weight of exactly 40.0 mV), a
100
Ω resistor and a 100 Ω trimmer (or a 200 Ω trimmer with
good resolution) should be used. Of course, larger full-scale
ranges can be arranged by using a larger input resistor, but lin-
earity and full-scale temperature coefficient may be compro-
mised if the external resistor becomes a sizeable percentage of
5 k
Ω Figure 3 illustrates the connections required for full-scale
calibration.
Figure 3. Standard AD673 Connections
Unipolar Offset Calibration
Since the Unipolar Offset is less than
±1/2 LSB for all versions
of the AD673, most applications will not require trimming. Fig-
ure 4 illustrates two trimming methods which can be used if
greater accuracy is necessary.
Figure 4a shows how the converter zero may be offset to correct
for initial offset and/or input signal offsets. As shown, the circuit
gives approximately symmetrical adjustment in unipolar mode.
Figure 5 shows the nominal transfer curve near zero for an
AD673 in unipolar mode. The code transitions are at the edges
of the nominal bit weights. In some applications it will be prefer-
able to offset the code transitions so that they fall between the
nominal bit weights, as shown in the offset characteristics.
Figure 5. AD673 Transfer Curve—Unipolar Operation
(Approximate Bit Weights Shown for Illustration,
Nominal Bit Weights % 39.06 mV)
This offset can easily be accomplished as shown in Figure 4b. At
balance (after a conversion) approximately 2 mA flows into the
Analog Common terminal. A 10
Ω resistor in series with this
terminal will result in approximately the desired l/2 bit offset of
the transfer characteristics. The nominal 2 mA Analog Common
current is not closely controlled in manufacture. If high accuracy
is required, a 20
Ω potentiometer (connected as a rheostat) can
be used as R1. Additional negative offset range may be obtained
by using larger values of R1. Of course, if the zero transition
point is changed, the full-scale transition point will also move.
Thus, if an offset of 1/2 LSB is introduced, full scale trimming
as described on the previous page should be done with an analog
input of 9.941 volts.
NOTE: During a conversion, transient currents from the Analog
Common terminal will disturb the offset voltage. Capacitive
decoupling should not be used around the offset network. These
transients will settle appropriately during a conversion. Capaci-
tive decoupling will “pump up” and fail to settle resulting in
conversion errors. Power supply decoupling, which returns to
analog signal common, should go to the signal input side of the
resistive offset network.
Figure 4. Unipolar Offset Trimming
Figure 4a.
Figure 4b.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com