Electronic Components Datasheet Search
  English  ▼

X  

AD673JD Datasheet(PDF) 8 Page - Analog Devices

Part # AD673JD
Description  8-Bit A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD673JD Datasheet(HTML) 8 Page - Analog Devices

  AD673JD Datasheet HTML 1Page - Analog Devices AD673JD Datasheet HTML 2Page - Analog Devices AD673JD Datasheet HTML 3Page - Analog Devices AD673JD Datasheet HTML 4Page - Analog Devices AD673JD Datasheet HTML 5Page - Analog Devices AD673JD Datasheet HTML 6Page - Analog Devices AD673JD Datasheet HTML 7Page - Analog Devices AD673JD Datasheet HTML 8Page - Analog Devices AD673JD Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AD673
REV. A
–7–
In systems where this read-write interface is used, at least
30 microseconds (the maximum conversion time) must be al-
lowed to pass between starting a conversion and reading the re-
sults. This delay or “time-out” period can be implemented in a
short software routine such as a countdown loop, enough
dummy instructions to consume 30 microseconds, or enough
actual useful instructions to consume the required time. In tightly-
timed systems, the DR line may be read through an external
three-state buffer to determine precisely when a conversion is
complete. Higher-speed systems may choose to use DR to signal
an interrupt to the processor at the end of a conversion.
Figure 12. Typical AD673 Timing Diagram
CONVERT Pulse Generation
The AD673 is tested with a CONVERT pulse width of 500 ns
and will typically operate with a pulse as short as 300 ns. How-
ever, some microprocessors produce active WR pulses which are
shorter than this. Either of the circuits shown in Figure 13 can
be used to generate an adequate CONVERT pulse for the
AD673. In both circuits, the short low-going WR pulse sets the
CONVERT line high through a flip-flop. The rising edge of DR
(which signifies that the internal logic has been reset) resets
the flip-flop and brings CONVERT low, which starts the
conversion.
Note that tDSC is slightly longer when the result of the previous
conversion contains a Logic 1 on the LSB. This means that the
actual CONVERT pulse generated by the circuits in Figure 13
will vary slightly in width.
Figure 13a. Using 74LS00
Figure 13b. Using 1/2 74LS74



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com