Electronic Components Datasheet Search
  English  ▼

X  

OP200 Datasheet(PDF) 5 Page - Analog Devices

Part # OP200
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200 Datasheet(HTML) 5 Page - Analog Devices

  OP200 Datasheet HTML 1Page - Analog Devices OP200 Datasheet HTML 2Page - Analog Devices OP200 Datasheet HTML 3Page - Analog Devices OP200 Datasheet HTML 4Page - Analog Devices OP200 Datasheet HTML 5Page - Analog Devices OP200 Datasheet HTML 6Page - Analog Devices OP200 Datasheet HTML 7Page - Analog Devices OP200 Datasheet HTML 8Page - Analog Devices OP200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
OP200
Data Sheet
Rev. G | Page 4 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = ±15 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
OP200A/OP200E
OP200G
Unit
Min
Typ
Max
Min
Typ
Max
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
25
75
80
200
μV
Long-Term Input Voltage Stability
0.1
0.1
μV/mo
Input Offset Current
IOS
VCM = 0 V
0.05
1.0
0.05
3.5
nA
Input Bias Current
IB
VCM = 0 V
0.1
2.0
0.1
5.0
nA
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz
0.5
0.5
μV p-p
Input Noise Voltage Density1
en
fO = 10 Hz
22
36
22
nV/√Hz
fO = 1000 Hz
11
18
11
nV/√Hz
Input Noise Current
in p-p
0.1 Hz to 10 Hz
15
15
pA p-p
Input Noise Current Density
in
fO = 10 Hz
0.4
0.4
pA/√Hz
Input Resistance Differential Mode
RIN
10
10
MΩ
Input Resistance Common Mode
RINCM
125
125
GΩ
Large Signal Voltage Gain
AVO
VO = ±10 V
RL = 10 kΩ
5000
12,000
3000
7000
M/mV
RL = 2 kΩ
2000
3700
1500
3200
M/mV
1
Sample tested.
VS = ±15 V, −55°C ≤ TA ≤ +125°C for OP200A, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
OP200A
Unit
Min
Typ
Max
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
45
125
μV
Average Input Offset Voltage Drift
TCVOS
0.2
0.5
μV/°C
Input Offset Current
IOS
VCM = 0 V
0.15
2.5
nA
Input Bias Current
IB
VCM = 0 V
0.9
5.0
nA
Large Signal Voltage Gain
AVO
VO = 10 V
RL = 10 kΩ
3000
9000
V/mV
RL = 2 kΩ
1000
2700
V/mV
Input Voltage Range1
IVR
±12
±12.5
V
Common-Mode Rejection Ratio
CMRR
VCM = ±12 V
115
130
dB
Capacitive Load Stability
AV = 1
8
nF
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 3 V to 18 V
0.2
3.2
μV/V
Supply Current Per Amplifier
ISY
No load
600
775
μA
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 10 kΩ
±12
±12.4
V
RL = 2 kΩ
±11
±12
V
1
Guaranteed by CMRR test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com