Electronic Components Datasheet Search
  English  ▼

X  

OP200 Datasheet(PDF) 14 Page - Analog Devices

Part # OP200
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200 Datasheet(HTML) 14 Page - Analog Devices

Back Button OP200 Datasheet HTML 9Page - Analog Devices OP200 Datasheet HTML 10Page - Analog Devices OP200 Datasheet HTML 11Page - Analog Devices OP200 Datasheet HTML 12Page - Analog Devices OP200 Datasheet HTML 13Page - Analog Devices OP200 Datasheet HTML 14Page - Analog Devices OP200 Datasheet HTML 15Page - Analog Devices OP200 Datasheet HTML 16Page - Analog Devices OP200 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Data Sheet
OP200
Rev. G | Page 13 of 16
DUAL 12-BIT VOLTAGE OUTPUT DAC
The dual output DAC shown in Figure 33 is capable of providing
untrimmed 12-bit accurate operation over the entire military
temperature range. Offset voltage, bias current, and gain errors
of the OP200 contribute less than 1/10 of an LSB error at 12 bits
over the military temperature range.
DUAL PRECISION VOLTAGE REFERENCE
A dual OP200 and a REF43, a 2.5 V reference, can be used to
build a ±2.5 V precision voltage reference. Maximum output
current from each reference is ±10 mA with load regulation
under 25 μV/mA. Line regulation is better than 15 μV/V and
output voltage drift is under 20 μV/°C. Output voltage noise
from 0.1 Hz to 10 Hz is typically 75 μV p-p. R1 and D1 ensure
correct startup.
DAC A
1/2
DAC8221
DAC8221
DAC DATA BUS
PIN 6 (MSB) TO PIN 17 (LSB)
1/2
OP200AZ
1/2
OP200AZ
OUT A
V–
OUT B
RFB A
VDD
IOUT A
RFB B
IOUT B
VREF A
VREF B
2
6
1
8
4
7
3
3
21
4
22
2
23
24
AGND
DGND
1
5
18
19
20
10V
REFERENCE
VOLTAGE
5V
5
DAC B
1/2
DAC8221
DAC
CONTROL
DAC A/DAC B
CS
WR
Figure 33. Dual 12-Bit Voltage Output DAC
1/2
OP200AZ
REF43
VOUT
TRIM
GND
VIN
1/2
OP200AZ
–2.5V
+2.5V
–5V
R1
22kΩ
D1
1N914
1
7
4
8
2
6
6
5
5
4
2
3
R3
10kΩ
+5V
+5V
R3
10kΩ
R4
5kΩ
Figure 34. Dual Precision Voltage Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com