Electronic Components Datasheet Search
  English  ▼

X  

TSDF02830YR Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSDF02830YR
Description  Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF02830YR Datasheet(HTML) 4 Page - Vishay Siliconix

  TSDF02830YR Datasheet HTML 1Page - Vishay Siliconix TSDF02830YR Datasheet HTML 2Page - Vishay Siliconix TSDF02830YR Datasheet HTML 3Page - Vishay Siliconix TSDF02830YR Datasheet HTML 4Page - Vishay Siliconix TSDF02830YR Datasheet HTML 5Page - Vishay Siliconix TSDF02830YR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number 85164
Rev. 1, 25-Oct-02
www.vishay.com
4
VISHAY
TSDF02830YR
Vishay Semiconductors
Remark on improving intermodulation behavior:
By setting RG1 smaller than 100 kΩ, e.g. 68 kΩ typical value of IDSO will raise and improved intermodulation behavior will be performed.
Amplifier 2
VDS = VRG1 = 5 V, VG2S = 4 V, RG1 = 56 kΩ, ID = IDSO, f = 1 MHz, Tamb = 25 °C, unless otherwise specified
Following data are valid for operating amplifier 2 (pin 6, 4, 2, 5) which is optimized for VHF applications
Remark on improving intermodulation behavior:
By setting RG1 smaller than 56 kΩ, typical value of IDSO will raise and improved intermodulation behavior will be performed.
Cross modulation
Input level for k = 1 % @ 0 dB AGC
fw = 50 MHz, funw = 60 MHz
Xmod
90
dBµV
Input level for k = 1 % @ 40 dB
AGC fw = 50 MHz, funw = 60 MHz
Xmod
100
105
dBµV
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward transadmittance
|y21s|
23
28
33
mS
Gate 1 input capacitance
Cissg1
2.5
3.0
pF
Feedback capacitance
Crss
20
fF
Output capacitance
Coss
0.9
pF
Power gain
GS = 2 mS, BS = BSopt, GL = 0.5
mS, BL = BLopt, f = 200 MHz
Gps
32
dB
GS = 2 mS, BS = BSopt, GL = 1 mS,
BL = BLopt, f = 400 MHz
Gps
28
dB
GS = 3.3 mS, BS = BSopt, GL = 1
mS, BL = BLopt, f = 800 MHz
Gps
22
dB
AGC range
VDS = 5 V, VG2S = 0.5 to 4 V, f = 200
MHz
Gps
50
dB
Noise figure
GS = GL = 20 mS, BS = BL = 0, f =
50 MHz
F
4.5
6.0
dB
GS = 2 mS, GL = 1 mS, BS = BSopt,
f = 400 MHz
F
1.0
1.6
dB
GS = 3.3 mS, GL = 1 mS, BS =
BSopt, f = 800 MHz
F
1.5
2.3
dB
Cross modulation
Input level for k = 1 % @ 0 dB AGC
fw = 50 MHz, funw = 60 MHz
Xmod
90
dBµV
Input level for k = 1 % @ 40 dB
AGC fw = 50 MHz, funw = 60 MHz
Xmod
105
dBµV
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com