Electronic Components Datasheet Search
  English  ▼

X  

MBRB1535 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBRB1535
Description  15 Amp Schottky Barrier Rectifier 35 to 45 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRB1535 Datasheet(HTML) 2 Page - Micro Commercial Components

  MBRB1535 Datasheet HTML 1Page - Micro Commercial Components MBRB1535 Datasheet HTML 2Page - Micro Commercial Components MBRB1535 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
Revision:
A
20
17/11/17
2 of 3
M C C
R
Characteristic Curves
Micro Commercial Components
The forward voltage and forward current curve
Current derating curve, perelement
Tc, Case Temp (
℃)
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Vf, Instantaneous Forward Voltage (V)
The reverse leak current and the reverse voltage (single-device) curve.
0.0
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
125
℃
25
℃
0
3
6
9
12
15
18
0
30
60
90
120
150
18
27
Vr, Reverse Voltage (V)
0.10
1.00
10.00
100.00
1000.00
10000.00
0
9
36
45
75
℃
25
℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com