Electronic Components Datasheet Search
  English  ▼

X  

MBRB1535 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBRB1535
Description  15 Amp Schottky Barrier Rectifier 35 to 45 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRB1535 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBRB1535 Datasheet HTML 1Page - Micro Commercial Components MBRB1535 Datasheet HTML 2Page - Micro Commercial Components MBRB1535 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
Electrical Characteristics @ 25°C Unless Otherwise Specified
www.mccsemi.com


Revision:
A
20
17/11/17
D
2-PAK
Micro Commercial Components
M C C
R
SUGGESTED SOLDER PAD LAYOUT
C
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.320
.359
8.13
9.14
B
.380
.411
9.65
10.45
C
.160
.190
4.06
4.83
D
.020
.035
0.51
0.89
E
.045
.055
1.14
1.40
G
.095
.105
2.41
2.67
H
.096
.120
2.43
3.03
J
.014
.021
0.35
0.53
K
.090
.110
2.29
2.79
S
.575
.625
14.60
15.80
V
.045
.055
1.14
1.40
E
J
K
H
A
S
V
B
D
G
1
2
3
Inches
mm
.065
1.65
.330
8.38
.420
10.66
.120
3.05
.070
1.78
.740
18.79
Average Rectified
Forward Current (Rated
VR-20Khz Square Wave)
- 50% duty cycle
IF(AV)
15A
TC = 120°C
Peak Forward Surge
Current
IFSM
250A
8.3ms,half
Maximum
Instantaneous
Forward Voltage
Maximum Reverse
Current At Rated
DC Blocking
Voltage
IR
0.15mA
TJ = 25°C
0.47V(max) TJ = 125°C
sine wave
5 mA T J =75°C
VF
0.49V(typ.)
0.52V(max)
IF = 15A
TJ = 25°C
PIN
2
PIN3
Notes:1.High Temperature Solder Exemption Applied,see EU Directive Annex Notes 7a.
1 of 3
MBRB
1535
15 Amp Schottky
Barrier Rectifier
35 to 45 Volts
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
•
High Current Capability, High Efficiency.
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBRB1535 MBRB1535
35V
24.5V
35V
Typical Thermal
Resistance
RθJC
2℃/W
per leg
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone:(818) 701-4933
Fax: (818) 701-4939
MBRB1545 MBRB1545
45V
31.5V
45V
MBRB
1545


Similar Part No. - MBRB1535

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB1535 GE-MBRB1535 Datasheet
100Kb / 2P
SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBRB1535CT DIODES-MBRB1535CT Datasheet
46Kb / 2P
15a SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. B-2
logo
General Semiconductor
MBRB1535CT GE-MBRB1535CT Datasheet
100Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB1535CT MCC-MBRB1535CT Datasheet
100Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Vishay Siliconix
MBRB1535CT VISHAY-MBRB1535CT Datasheet
55Kb / 3P
Dual Schottky Barrier Rectifier
01-Jul-02
More results

Similar Description - MBRB1535

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST8020 MCC-FST8020 Datasheet
87Kb / 3P
80 Amp Rectifier 20 to 45 Volts Schottky Barrier
MBR50020CT MCC-MBR50020CT Datasheet
147Kb / 3P
500 Amp Rectifier 20 to 45 Volts Schottky Barrier
MBR6030PT MCC-MBR6030PT Datasheet
109Kb / 2P
60 Amp Schottky Barrier Rectifier 30 to 45 Volts
MBRB1030CT MCC-MBRB1030CT Datasheet
90Kb / 2P
10 Amp Schottky Barrier Rectifier 30 to 45 Volts
SD41 MCC-SD41 Datasheet
107Kb / 3P
25 Amp Schottky Barrier Rectifier 45 Volts
MBR545F MCC-MBR545F Datasheet
92Kb / 3P
5 Amp Schottky Barrier Rectifier 45 Volts
logo
Solid States Devices, I...
SSR1645-28 SSDI-SSR1645-28 Datasheet
213Kb / 2P
15 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645J SSDI-SSR1645J Datasheet
201Kb / 2P
15 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR15U45 MCC-MBR15U45 Datasheet
259Kb / 3P
15 Amp Schottky Barrier Rectifier 45 Volts
MBR1545PS MCC-MBR1545PS Datasheet
184Kb / 2P
15 Amp Schottky Barrier Rectifier 45 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com