Electronic Components Datasheet Search
  English  ▼

X  

GKT-GD Datasheet(PDF) 2 Page - Kingtronics International Company

Part # GKT-GD
Description  Aluminum Electrolytic Capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

GKT-GD Datasheet(HTML) 2 Page - Kingtronics International Company

  GKT-GD Datasheet HTML 1Page - Kingtronics International Company GKT-GD Datasheet HTML 2Page - Kingtronics International Company GKT-GD Datasheet HTML 3Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
STANDARD RATINGS
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
ФDxL
(mm)
tanδ
Rated ripple current
(mArms)
105
℃/100KHz
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
ФDxL
(mm)
tanδ
Rated ripple current
(mArms)
105
℃/100KHz
160V
1
6.3x12
0.15
40
350V
8.2
8x20
0.20
144
1.5
6.3x12
0.15
50
10
8x20
0.20
226
1.8
6.3x12
0.15
56
15
10x20
0.20
285
2.2
6.3x12
0.15
60
22
13x20
0.20
410
2.8
6.3x12
0.15
65
33
13x25
0.20
480
3.3
6.3x12
0.15
68
47
16x20
0.20
600
4.7
6.3x12
0.15
72
68
18x20
0.20
720
5.6
8x12
0.15
76
100
18x30
0.20
900
6.8
8x12
0.15
96
400V
1
6.3x12
0.20
59
10
8x12
0.15
206
1.2
6.3x12
0.20
63
8x16
0.15
216
1.5
8x12
0.20
72
15
8x16
0.15
225
1.8
8x12
0.20
75
22
8x20
0.15
360
2.2
6.3x12
0.20
72
10x16
0.15
360
8x12
0.20
78
33
10x20
0.15
450
2.8
8x16
0.20
85
47
10x20
0.15
500
3.3
8x12
0.20
91
68
13x20
0.15
600
8x16
0.20
95
100
13x25
0.15
722
4.7
8x12
0.20
104
16x20
0.15
722
8x16
0.20
110
150
16x25
0.15
798
5.6
8x20
0.20
138
200V
1
6.3x12
0.15
42
10x16
0.20
138
1.5
6.3x12
0.15
54
6.8
8x20
0.20
148
1.8
6.3x12
0.15
60
10x16
0.20
148
2.2
6.3x12
0.15
68
8.2
10x16
0.20
218
2.8
6.3x12
0.15
71
10x20
0.20
230
3.3
6.3x12
0.15
78
10
10x16
0.20
226
4.7
6.3x12
0.15
85
10x20
0.20
238
5.6
8x12
0.15
98
15
13x20
0.20
300
6.8
8x16
0.15
103
22
13x25
0.20
420
10
8x16
0.15
216
16x20
0.20
420
15
8x16
0.15
225
33
16x25
0.20
550
8x20
0.15
250
16x30
0.20
579
22
8x20
0.15
380
47
12.5x40
0.20
630
10x16
0.15
380
16x30
0.20
637
33
10x20
0.15
450
68
18x30
0.20
760
47
13x20
0.15
580
100
18x40
0.20
1100
68
13x25
0.15
665
450V
1
8x12
0.20
60
100
16x25
0.15
760
1.5
8x12
0.20
70
150
16x30
0.15
895
1.8
8x12
0.20
72
250V
1
6.3x12
0.15
46
2.2
8x16
0.20
75
1.5
6.3x12
0.15
58
2.8
8x16
0.20
79
1.8
6.3x12
0.15
62
3.3
8x16
0.20
86
2.2
6.3x12
0.15
70
4.7
8x20
0.20
99
2.8
6.3x12
0.15
78
5.6
10x16
0.20
115
3.3
6.3x12
0.15
80
6.8
10x20
0.20
158
4.7
8x12
0.15
102
8.2
10x20
0.20
209
5.6
8x12
0.15
105
10
10x20
0.20
225
6.8
8x16
0.15
115
15
13x20
0.20
332
8.2
8x16
0.15
120
22
13x25
0.20
427
10
8x16
0.15
216
33
10x45
0.20
510
15
8x20
0.15
250
16x25
0.20
522
22
10x16
0.15
380
47
13x45
0.20
660
33
13x20
0.15
470
16x35
0.20
700
47
13x20
0.15
580
68
18x30
0.20
769
13x25
0.15
600
100
18x40
0.20
950
68
16x25
0.15
720
500V
10
13x20
0.24
259
100
16x30
0.15
836
13x25
0.24
272
150
16x35
0.15
978
15
13x25
0.24
356
350V
1
6.3x12
0.20
50
16x20
0.24
356
1.5
6.3x12
0.20
60
22
13x35
0.24
453
1.8
6.3x12
0.20
64
16x25
0.24
453
2.2
6.3x12
0.20
70
33
18x25
0.24
567
2.8
8x12
0.20
80
47
18x30
0.24
713
3.3
8x12
0.20
82
68
22x35
0.24
1000
4.7
8x12
0.20
102
100
22x35
0.24
1400
5.6
8x16
0.20
110
6.8
8x20
0.20
128
TKT
GKT-GD
Aluminum Electrolytic Capacitor–Radial
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com