Electronic Components Datasheet Search
  English  ▼

X  

GKT-GD Datasheet(PDF) 3 Page - Kingtronics International Company

Part # GKT-GD
Description  Aluminum Electrolytic Capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

GKT-GD Datasheet(HTML) 3 Page - Kingtronics International Company

  GKT-GD Datasheet HTML 1Page - Kingtronics International Company GKT-GD Datasheet HTML 2Page - Kingtronics International Company GKT-GD Datasheet HTML 3Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
HOW TO ORDER
GKT
GD
0J
0R1
M
00500110
020
000
B
R
|
|
|
|
|
|
|
|
|
|
Series
Sub Series
Rated Voltage
1.
Capacitance
2.
Capacitance
Tolerance
3.
Dimension
4.
Pitch/
Pins
5.
Lead
Length
6.
Packing
7.
Pb
8.
NOTE:
1. Rated Voltage
Code
0J
1A
1C
1D
1E
1V
1G
1H
1J
1K
Voltage
6.3V
10V
16V
20V
25V
35V
40V
50V
63V
80V
Code
2A
2B
2C
2K
2D
2E
2F
2U
2V
2G
2X
2W
2H
2Y
Voltage
100V
120V
160V
180V
200V
250V
315V
330V
350V
400V
420V
450V
500V
550V
2. Capacitance
Code
0R1
R22
R33
R47
010
2R2
3R3
4R7
100
220
330
470
101
Capacitance
(µF)
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
47
100
Code
221
271
331
391
471
561
681
102
222
332
472
103
223
Capacitance
(µF)
220
270
330
390
470
560
680
1000
2200
3300
4700
10000
22000
3. Capacitance Tolerance
Code
K
L
M
P
Q
R
T
U
V
H
F
Tolerance
±10%
±15%
±20%
+100-0%
+30-10%
+20-0%
+50-10%
+75-10%
+20-10%
+20-5%
+30-0
4. Dimension
Code
00500110
00630120
01300200
01600300
03500450
Dimension
(mm)
5x11
6.3x12
13x20
16x30
35x45
5. Pitch/Pins
Code
020
025
035
050
075
100
127
4pins
Pitch (mm)/
Pins
2.0
2.5
3.5
5.0
7.5
10.0
12.7
4PS
6. Lead Length
Code
000
040
045
050
Lead Length
Standard
4.0
4.5
5.0
7. Packing
Code
A
B
Packing
Ammo
Bulk
8. Pb
Code
L
R
Pb
Leaded
RoHS
Note: Specifications are subject to change without notice.
GKT-GD
Aluminum Electrolytic Capacitor–Radial
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com