Electronic Components Datasheet Search
  English  ▼

X  

DNK12SIP Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # DNK12SIP
Description  Voltage and resistor-based trim
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNK12SIP Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button DNK12SIP Datasheet HTML 3Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 4Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 5Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 6Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 7Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 8Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 9Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 10Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DS_DNK12SIP_09062016
7
ELECTRICAL CHARACTERISTICS CURVES
Figure 25: Typical transient response to step load change at 5A/µS
from 25% to 75% of Io, max at 12Vin, 3.3V out
(Cout = 1uF ceramic, 10µF tantalum)
Top:100mV/div, 50uS/div, Bottom: 20A/div, 50uS/div
Figure 26:Typical transient response to step load change at 5A/µS
from 25% to 75% of Io, max at 12Vin, 5V out
(Cout = 1uF ceramic, 10µF tantalum)
Top:100mV/div, 50uS/div, Bottom: 20A/div, 50uS/div
Figure 27: Output short circuit current 12Vin, 1.2Vout
Top: 1V/div, 5ms/div, Bottom: 20A/div, 5ms/div
Figure 29: Turn on with Prebias 12Vin,0.8V/0A out, Vbias =0.5Vdc
Top: 0.5V/div, 2ms/div, Bottom: 5V/div, 2ms/div
Figure 28: Output short circuit current 12Vin, 3.3Vout
Top: 1V/div, 5ms/div, Bottom: 20A/div, 5ms/div
Figure 30: Turn on with Prebias 12Vin,1.2V/0A out, Vbias =0.79Vdc
Top: 1V/div, 2ms/div, Bottom: 5V/div, 2ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com