Electronic Components Datasheet Search
  English  ▼

X  

DNK12SIP Datasheet(PDF) 12 Page - Delta Electronics, Inc.

Part # DNK12SIP
Description  Voltage and resistor-based trim
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNK12SIP Datasheet(HTML) 12 Page - Delta Electronics, Inc.

Back Button DNK12SIP Datasheet HTML 7Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 8Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 9Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 10Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 11Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 12Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 13Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 14Page - Delta Electronics, Inc. DNK12SIP Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
DS_DNK12SIP_09062016
12
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted on
a test PWB and is vertically positioned within the wind
tunnel. The height of this fan duct is constantly kept at
25.4mm (1’’).
Thermal Derating
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power
module should always be operated below the maximum
operating temperature. If the temperature exceeds the
maximum module temperature, reliability of the unit may
be affected.
AIR F LOW
MODULE
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
SURED BELOW
THE MODULE
FANCING PWB
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
Figure 42: Wind tunnel test setup
THERMAL CURVES
HOT SPOT
NTC RESISTOR
AIRFLOW
Figure 43: * Hot spot& NTC resistor temperature measured
points. The allowed maximum hot spot temperature is defined at
120℃.
DNK12S0A0R30(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin=12V Vout=0.8V (Through PCB Orientation)
0
5
10
15
20
25
30
25
30
35
40
45
50
55
60
65
70
75
80
85
Natural
Convection
Output Current (A)
Ambient Temperature (℃)
100LFM
200LFM
400LFM
300LFM
500LFM
600LFM
Figure 44: Output current vs. ambient temperature and air
velocity @ Vin=12V, Vout=0.8V (Through PCB Orientation,
Airflow from Pin1 to Pin13)
DNK12S0A0R30(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin=12V Vout=1.8V (Through PCB Orientation)
0
5
10
15
20
25
30
25
30
35
40
45
50
55
60
65
70
75
80
85
Natural
Convection
Output Current (A)
Ambient Temperature (? )
100LFM
200LFM
400LFM
300LFM
500LFM
600LFM
Figure 45: Output current vs. ambient temperature and air
velocity @ Vin=12V, Vout=1.8V (Through PCB Orientation,
Airflow from Pin1 to Pin13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com