Electronic Components Datasheet Search
  English  ▼

X  

PMR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PMR
Description  Analog Displacement Sensors for Transportation Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PMR Datasheet(HTML) 1 Page - Vishay Siliconix

  PMR Datasheet HTML 1Page - Vishay Siliconix PMR Datasheet HTML 2Page - Vishay Siliconix PMR Datasheet HTML 3Page - Vishay Siliconix PMR Datasheet HTML 4Page - Vishay Siliconix PMR Datasheet HTML 5Page - Vishay Siliconix PMR Datasheet HTML 6Page - Vishay Siliconix PMR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Lever PMR
www.vishay.com
Vishay MCB
Revision: 09-Sep-15
1
Document Number: 32515
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Analog Displacement Sensors for Transportation Applications
FEATURES
• Conductive plastic potentiometer technology
• Use in engine compartment
• Lever drive with return spring
•Wire outputs
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, conductive plastic
Output type
Output by wires
Market appliance
Transportation
Dimensions
39.2 mm (or 42 mm, or 47 mm) x
31.5 mm (or 34.2 mm) x 23.37 mm
ELECTRICAL SPECIFICATIONS
PARAMETER
Total electrical travel
94° ± 2°
Independent linearity standard
± 1.5 %
Total resistance (Rn)3.85 k ± 20 %
Output smoothness
< 0.1 % (NFC 93255)
Power rating at +40 °C
0.5 W
Power rating at +125 °C
0.05 W
Wiper current limiting resistance (Rp)1.7 k ± 20 %
Recommended wiper current
 100 μA
Maximum wiper current
15 mA for 1 min
Recommended load impedance
 100 R
n
MECHANICAL SPECIFICATIONS
PARAMETER
Mechanical travel
125° ± 4°
Lever return torque at start of travel
 1 N cm
Lever return torque at end of travel
10 N cm
Stop strength
60 N cm
Lever return
Counterclockwise
Protection class
See “Specific Characteristics” table
Mounting screw tightening torque
2.3 N m maximum
PERFORMANCE
PARAMETER
Operating temperature range
-40 °C to +125 °C
Storage temperature range
-55 °C to +135 °C
Vibrations
Severity 10 Hz to 2000 Hz, 10 mm or 50 g
Life
See “Specific Characteristics” table
Micro-movements (dither stroke)
> 50M cycles


Similar Part No. - PMR

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR ROHM-PMR Datasheet
994Kb / 8P
Ultra-low ohmic jumper chip resistors
PMR ROHM-PMR Datasheet
624Kb / 8P
Ultra-low ohmic chip resistors for current detection
2015.01 - Rev.F
PMR ROHM-PMR Datasheet
910Kb / 7P
Metal plate shunt resistors
2023.1 - Rev.013
logo
Delta Electronics, Inc.
PMR-12V150W1AT DELTA-PMR-12V150W1AT Datasheet
943Kb / 11P
PMR 150 W series / PMR-□V150W1AT
PMR-12V240W1AT DELTA-PMR-12V240W1AT Datasheet
1Mb / 11P
PMR 240 W series / PMR-□V240W1AT
More results

Similar Description - PMR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P22S VISHAY-P22S Datasheet
96Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
POTH12 VISHAY-POTH12 Datasheet
299Kb / 14P
Single-Turn Continuous Rotation Analog Displacement Sensors
16-Nov-17
PP22B VISHAY-PP22B Datasheet
112Kb / 5P
Single-Turn Continuous Rotation Analog Displacement Sensors
14-Oct-16
CABLEOUTPUTPMR VISHAY-CABLEOUTPUTPMR Datasheet
77Kb / 3P
Analog Displacement Sensors for Transportation Applications
06-Sep-16
HOLLOWSHAFTPMR VISHAY-HOLLOWSHAFTPMR Datasheet
90Kb / 3P
Analog Displacement Sensors for Transportation Applicationss
09-Sep-15
LEVERPMR VISHAY-LEVERPMR Datasheet
126Kb / 7P
Analog Displacement Sensors for Transportation Applications
22-Mar-2021
MULTITRACKPMR VISHAY-MULTITRACKPMR Datasheet
108Kb / 4P
Analog Displacement Sensors for Off-Road Applicationss
11-Jul-2018
POPR27 VISHAY-POPR27_V01 Datasheet
160Kb / 7P
Single-Turn Continuous Rotation Analog Displacement Sensors
11-May-2022
PP12SR VISHAY-PP12SR_V01 Datasheet
84Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Jul-2021
RH28 VISHAY-RH28_V01 Datasheet
98Kb / 4P
Analog Linear Displacement Sensors
14-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com