Electronic Components Datasheet Search
  English  ▼

X  

PMR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PMR
Description  Analog Displacement Sensors for Transportation Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PMR Datasheet(HTML) 3 Page - Vishay Siliconix

  PMR Datasheet HTML 1Page - Vishay Siliconix PMR Datasheet HTML 2Page - Vishay Siliconix PMR Datasheet HTML 3Page - Vishay Siliconix PMR Datasheet HTML 4Page - Vishay Siliconix PMR Datasheet HTML 5Page - Vishay Siliconix PMR Datasheet HTML 6Page - Vishay Siliconix PMR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Lever PMR
www.vishay.com
Vishay MCB
Revision: 09-Sep-15
3
Document Number: 32515
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LEVER OPTIONS
CONNECTIONS
Wire Outputs: -40 °C to +105 °C (3 x 0.93 mm2 length 300 mm)
Sheathed Wire Outputs: -40 °C to +125 °C optional
Lever A
Lever B (on request)
Lever C
22 ± 0.2
10.7 ± 0.2
10.7 ± 0.2
10.7 ± 0.2
18.25 ± 0.1
22
Ø 8
Lever D (on request)
Lever E (on request)
Ø
5.15
±
0.05
Ø
12
21.6 ± 0.2
24 ± 0.2
10.7 ± 0.2
10.7 ± 0.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com