Electronic Components Datasheet Search
  English  ▼

X  

RP12 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RP12
Description  Analog Linear Displacement Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RP12 Datasheet(HTML) 2 Page - Vishay Siliconix

  RP12 Datasheet HTML 1Page - Vishay Siliconix RP12 Datasheet HTML 2Page - Vishay Siliconix RP12 Datasheet HTML 3Page - Vishay Siliconix RP12 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RP12
www.vishay.com
Vishay MCB
Revision: 25-Jan-18
2
Document Number: 32524
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SAP PART NUMBERING GUIDELINES
MODEL
USEFUL ELECTRICAL TRAVEL (mm)
TYPE
VALUE
LINEARITY
LEADS
PACKAGING
RP12
010
025
050
075
100
150
200
250
300
L = linear
222 = 2K2
472 = 4K7
103 = 10K
223 = 22K
In accordance
with UET, see
“Electrical
Specifications”
B = 0.5 %
W = wire
b = bulk
DIMENSIONS in millimeters
FRONT PIVOT OPTION (ON REQUEST)
REAR PIVOT OPTION (ON REQUEST)
STRAIGHT OR RIGHT ANGLE CONNECTOR OPTION (ON REQUEST)
15
15
26
19
Mounting block
(on request)
2 x Ø 3.2 diam. holes
Teflon wires
gauge 26
length 300
25
L = UET + 37
L = 44 ± 2.5
27 ± 1.5
38.5
26.5
Wires
L = UET + 56.5
35
L = UET + 37
58
37.2
35
Cable customer
Cable customer



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com