Electronic Components Datasheet Search
  English  ▼

X  

RP12 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RP12
Description  Analog Linear Displacement Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RP12 Datasheet(HTML) 3 Page - Vishay Siliconix

  RP12 Datasheet HTML 1Page - Vishay Siliconix RP12 Datasheet HTML 2Page - Vishay Siliconix RP12 Datasheet HTML 3Page - Vishay Siliconix RP12 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RP12
www.vishay.com
Vishay MCB
Revision: 25-Jan-18
3
Document Number: 32524
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DIAGRAM
Direction of wiper displacement with shaft extended
CONNECTION
OPTIONS (on request)
• Other linearity
• Probe version for UET < 100 mm (spring and tip)
• Low driving force version (
 30 cN/ IP 50)
• Lateral or axial cable output
• Binder 713-M12 series straight connector output
• Binder 713-M12 series right angle connector output
• Male socket fitted on connector
• Additional mounting block
• Front pivot
• Rear pivot (only with lateral cable output)
3
Green
Red
Yellow
2
1
1
3
4
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com