Electronic Components Datasheet Search
  English  ▼

X  

VSC7127 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7127
Description  Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7127 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7127 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
VSC7127/VSC7129
Family of Repeater/Retimer and Port
Bypass Circuits for Fibre Channel
G52298-0, Rev 4.3
Page 1
05/01/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
VITESSE
SEMICONDUCTOR CORPORATION
Features
General Description
The VSC7127 and VSC7129 contain six cascaded Port Bypass Circuits (PBCs), the FibreTimer™ config-
urable Repeater/Retimer (CRU) and a Signal Detect Unit (SDU). These parts are typically used in distributing
Fibre Channel signals to an array of disk drives in an FC-AL loop as illustrated in Figure 1. The first
VSC7127’s CRU is configured as a Repeater to attenuate jitter, the second VSC7127’s CRU is bypassed to
reduce power and the third VSC7127’s CRU is configured as a retimer so that the output of the device is a jitter-
compliance point.
Each PBC is a multiplexer that is controlled by the corresponding SELx line which, if HIGH, selects the
external input or, if LOW, selects the output of the previous PBC. For the VSC712xR, when MODE is LOW
and SEL5 is HIGH, the CRU is a sophisticated repeater which has low latency, no peaking and attenuates jitter
even at low frequencies. When MODE is HIGH and SEL5 is HIGH, the CRU is a retimer which eliminates jit-
ter transfer but has increased latency due to an elasticity buffer which adds/drops Fibre Channel fill words in
order to accomodate the difference between the baud rate of the incoming data and the local REFCLK. When
SEL5 is LOW, the CRU is bypassed and powered down. The SDU monitors the analog levels of the IO+/- input
and monitors the output of the CRU digitally to indicate whether valid data is present.
The VSC7127/VSC7129 are similar to the VSC7124 which does not contain the FibreTimer™ cell or CMU.
VSC7127/VSC7129 Block Diagram
• ANSI X3T11 Fibre Channel Compliant
• 1.0625Gb/s Operation
• Features the FibreTimer™ Configurable Clock
Recovery Unit (CRU): Repeater, Retimer or
Bypassed
• Six Port Bypass Circuits (PBC)
•
Analog/Digital Signal Detect (SDU)
• On-Chip Transmit Termination
•
3.3V, 700mW Power Dissipation
• Compatible with HDMP-0451 (VSC7127) or
HDMP-0452 (VSC7129)
• 44-Pin, 10mm PQFP Package
1
0
PBC1
REFCLK
SDU
CRU
1
0
PBC2
1
0
PBC3
1
0
PBC4
CMU
SIGDET
0.1uF
MODE
1
0
PBC0
106.25MHz
0
1
PBC5
SEL5


Similar Part No. - VSC7127

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QN VITESSE-VSC7123QN Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results

Similar Description - VSC7127

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1585N SONY-CXB1585N Datasheet
180Kb / 14P
Fibre Channel Repeater
CXB1595AN SONY-CXB1595AN Datasheet
157Kb / 14P
Fibre Channel Repeater
logo
Maxim Integrated Produc...
MAX3750 MAXIM-MAX3750 Datasheet
517Kb / 6P
3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3754 MAXIM-MAX3754 Datasheet
281Kb / 13P
Dual-Rate, 1Gbps/2Gbps Fibre Channel Quad-Port Bypass ICs with Repeater
19-2098; Rev 1; 1/02
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
logo
PMC-Sierra, Inc
PM8372 PMC-PM8372 Datasheet
279Kb / 2P
4-Port FC/GE Retimer and FC-AL Port Bypass Controller
logo
Agilent(Hewlett-Packard...
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0421 HP-HDMP-0421 Datasheet
161Kb / 12P
Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
logo
Vitesse Semiconductor C...
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com