Electronic Components Datasheet Search
  English  ▼

X  

VSC7127 Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC7127
Description  Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7127 Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC7127 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 12Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
VSC7127/VSC7129
Family of Repeater/Retimer and Port
Bypass Circuits for Fibre Channel
G52298-0, Rev 4.3
Page 11
05/01/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
VITESSE
SEMICONDUCTOR CORPORATION
Package Thermal Characteristics
The VSC7127/VSC7129 is packaged in a standard plastic quad flatpack, PQFP, with an embedded, but
unexposed thermal heatslug. This package adheres to industry-standard EIAJ footprints for a 10 mm body, 44
lead PQFP. The package construction is as shown in Figure 6. The 44 PQFP with embedded slug has the thermal
properties shown in Figure 6.
Figure 6: Package Cross Section—10 mm package
Table 5: 44 PQFP Thermal Resistance
The VSC7127/VSC7129 is designed to operate with a case temperature up to 95oC. The user must guaran-
tee that the case temperature specification is not violated. With the thermal resistances shown in Table 5, the
10mm PQFP can operate in still air ambient temperatures of 50oC [50oC = 95oC - 0.9W * 50]. If the ambient air
temperature exceeds these limits, some form of cooling through a heatsink or an increase in airflow must be pro-
vided.
Moisture Sensitivity Level
This device is rated at a Moisture Sensitivity Level 3 rating with maximum floor life of 168 hours at 30ºC,
60% relative humidity. Please refer to Application Note AN-20 for appropriate handling procedures.
Symbol
Description
Value
Units
θ
CA-0
Thermal resistance from case-to-ambient, still air
50
oC/W
θ
CA-100
Thermal resistance from case-to-ambient, 100 LFPM air
43
oC/W
θ
CA-200
Thermal resistance from case-to-ambient, 200 LFPM air
39
oC/W
θ
CA-400
Thermal resistance from case-to-ambient, 400 LFPM air
36
oC/W
θ
CA-600
Thermal resistance from case-to-ambient, 600 LFPM air
34
oC/W
Copper Heat Spreader
Die
Plastic Molding Compound
Lead
Bond Wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com