Electronic Components Datasheet Search
  English  ▼

X  

VSC7129 Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC7129
Description  Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7129 Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC7129 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 12Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet
VSC7127/VSC7129
Family of Repeater/Retimer and Port
Bypass Circuits for Fibre Channel
VITESSE
SEMICONDUCTOR CORPORATION
Page 10
G52298-0, Rev 4.3
05/01/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Information
44
34
0.102 MAX. LEAD
COPLANARITY
1
33
23
22
12
G
F
IH
12o TYP
0.17 MAX.
NOTES:
12o TYP
K
D
A
0.25
J
0o- 8o
0.25 MAX.
E
0.30 RAD. TYP.
0.20 RAD. TYP.
11
Drawing not to scale.
Cavity up
J1
All units in mm unless otherwise noted.
Item
mm
Tol.
A2.45
MAX
D
2.00
+0.10
E0.35
+.05
F
13.20
+.25
G
10.00
+.10
H
13.20
+.25
I
10.00
+.10
J
0.88
+.15 / -.10
K0.80
BASIC
44-Pin PQFP 10 x 10 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com