Electronic Components Datasheet Search
  English  ▼

X  

VSC8062FC Datasheet(PDF) 16 Page - Vitesse Semiconductor Corporation

Part # VSC8062FC
Description  2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8062FC Datasheet(HTML) 16 Page - Vitesse Semiconductor Corporation

Back Button VSC8062FC Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8062FC Datasheet HTML 20Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8061/VSC8062
2.5Gb/s 16-Bit
Multiplexer/Demultiplexer Chipset
Page 16
G52069-0, Rev 4.3
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Thermal Considerations
The VSC8061 and VSC8062 are available in ceramic LDCC and thermally enhanced plastic quad flat-
packs. These packages have been enhanced to improve thermal dissipation through low thermal resistance paths
from the die to the exposed surface of the heat spreader. The thermal resistance of the two packages is shown in
the following table
Table 9: Thermal Resistance
Thermal Resistance with Airflow
Shown in Table 10 is the thermal resistance with airflow. This thermal resistance value reflects all the ther-
mal paths including through the leads in an environment where the leads are exposed. The temperature differ-
ence between the ambient airflow temperature and the case temperature should be the worst case power of the
device multiplied by the thermal resistance.
Table 10: Thermal Resistance with Airflow
Thermal Resistance with Heat Sink
The determination of appropriate heat sink to use is as shown below, using the VSC8061 in QH package as
an example.
Figure 11: VSC8061 in QH Package
Symbol
Description
F Pack
QH Pack
Units
θJC
Thermal resistance from junction-to -case.
1.3
2.1
°C/W
θCA
Thermal resistance from case-to-ambient still air including
conduction through the leads.
18.5
30.0
°C/W
Airflow
θCA for F Package
θCA for QH Package
Units
100 lfpm
15.9
24
oC/W
200 lfpm
14.9
21
oC/W
300 lfpm
14.2
19
oC/W
500 lfpm
13.3
15
oC/W
θSA
θCS
TA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com